công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC-318 bảng dữ liệu(PDF) 8 Page - Murata Power Solutions Inc.

tên linh kiện ADC-318
Giải thích chi tiết về linh kiện  8-Bit, 120MHz and 140MHz Full-Flash A/D Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MURATA-PS [Murata Power Solutions Inc.]
Trang chủ  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADC-318 bảng dữ liệu(HTML) 8 Page - Murata Power Solutions Inc.

  ADC-318 Datasheet HTML 1Page - Murata Power Solutions Inc. ADC-318 Datasheet HTML 2Page - Murata Power Solutions Inc. ADC-318 Datasheet HTML 3Page - Murata Power Solutions Inc. ADC-318 Datasheet HTML 4Page - Murata Power Solutions Inc. ADC-318 Datasheet HTML 5Page - Murata Power Solutions Inc. ADC-318 Datasheet HTML 6Page - Murata Power Solutions Inc. ADC-318 Datasheet HTML 7Page - Murata Power Solutions Inc. ADC-318 Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
.602±.016
(15.3)
+.016
–.004
.472
0.031
(0.8)
0.012
+.006
–.004
48
37
36
25
24
13
12
1
0.004
+.008
–.004
.531
(13.5)
0.006
+.004
–.002
0.035 ±.008
0.087
+.014
–.006
(12.0)
(0.3)
(2.2)
(0.9)
(0.1)
(0.15)
ORDERING INFORMATION
ADC-318
8-bit, 120MHz Flash A/D
ADC-318A
8-bit, 140MHz Flash A/D
MECHANICAL DIMENSIONS INCES (MM)
Figure 6: Typical Performance Curve
170
160
150
140
130
–25
25
75
TA –Ambient Temperature (°C)
170
160
150
140
130
0
50
140
Conversion Rate (MHz)
100
20
15
10
–25
25
75
10-6
10-7
10-8
10-9
10-10
140
180
160
40
30
20
310
50
Input Frequency (MHz)
50
15
30
Fig. 4-1:
Supply Current vs. Temperature
Fig. 4-2:
Supply Current vs. Conversion Rate
Fig. 4-3:
Reference Current vs.Temperature
Fig. 4-4:
Error Rate vs. Conversion Rate
Fig. 4-5:
SNR+THD vs. Input Signal Frequency
TA –Ambient Temperature (°C)
Conversion Rate (MHz)
Sine Wave Curvefit Test
1.0000
(256)
0.0000
(128)
0.5000
(192)
–0.500
(64)
8
7
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
–7
–8
S/N Ratio 48.7dB
7.8 Effective Bits
Conditions
Sampling Frequency 120MHz
Signal Frequency 996kHz
4096 Points
ADC-318A
ADC-318
ADC-318
ADC-318A
fin = Fc/4–1KHz
Error> 16LSB
170
160
150
140
130
–25
25
75
TA –Ambient Temperature (°C)
Fig. 4-8:
Maximum Conversion Rate vs.Temperature
ADC-318
ADC-318A
ADC-318: FC=120MHz
ADC-318A: FC=140MHz
90
80
70
2
°C
0
Fig. 4-6:
Allowable Ambient Temperature vs. Air Flow
13
m/s
60
Four-layer board
Double-layer board
Single-layer board
ADC-318A
ADC-318
200
100
0
2
3
4
VIN Pin Voltage (V)
Fig. 4-7:
Analog Input Current vs.Voltage Inputs
VRT = +4V
VRB = +2V
Fig. 4-9: Sine Wave Curvefit Test
ADC-318, ADC-318A
8-Bit, 120MHz and 140MHz Full-Flash A/D Converter
MDA_ADC-318.B01 Page 8 of 8
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (508) 339-3000, email: sales@murata-ps.com
Canada:
Toronto, Tel: (866) 740-1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany:
München, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Singapore:
Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 and 14001 REGISTERED
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
12/30/08


Số phần tương tự - ADC-318

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
ADC-318 ETC-ADC-318 Datasheet
285Kb / 8P
   8-Bit, 120MHz and 140MHz Full-Flash A/D Converter
ADC-318A ETC-ADC-318A Datasheet
285Kb / 8P
   8-Bit, 120MHz and 140MHz Full-Flash A/D Converter
More results

Mô tả tương tự - ADC-318

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
ADC-318 ETC-ADC-318 Datasheet
285Kb / 8P
   8-Bit, 120MHz and 140MHz Full-Flash A/D Converter
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Sony Corporation
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
   8-bit 120MSPS Flash A/D Converter
CXA3286R SONY-CXA3286R Datasheet
331Kb / 23P
   8-bit 160MSPS Flash A/D Converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
Intersil Corporation
HI3276 INTERSIL-HI3276_01 Datasheet
680Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
logo
Sony Corporation
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
logo
Renesas Technology Corp
HI567 RENESAS-HI567 Datasheet
572Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
March 2003
logo
Sony Corporation
CXA3026AQ SONY-CXA3026AQ Datasheet
590Kb / 29P
   8-bit 140MSPS Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com