công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74ABTH182502A bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74ABTH182502A
Giải thích chi tiết về linh kiện  SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74ABTH182502A bảng dữ liệu(HTML) 2 Page - Texas Instruments

  SN74ABTH182502A Datasheet HTML 1Page - Texas Instruments SN74ABTH182502A Datasheet HTML 2Page - Texas Instruments SN74ABTH182502A Datasheet HTML 3Page - Texas Instruments SN74ABTH182502A Datasheet HTML 4Page - Texas Instruments SN74ABTH182502A Datasheet HTML 5Page - Texas Instruments SN74ABTH182502A Datasheet HTML 6Page - Texas Instruments SN74ABTH182502A Datasheet HTML 7Page - Texas Instruments SN74ABTH182502A Datasheet HTML 8Page - Texas Instruments SN74ABTH182502A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
SN54ABTH18502A, SN54ABTH182502A, SN74ABTH18502A, SN74ABTH182502A
SCAN TEST DEVICES
WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SCBS164E – AUGUST 1993 – REVISED DECEMBER 1996
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
18 19
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
20
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
21 22 23 24
63 62 61 60 59
64
58
56 55 54
57
25 26 27 28 29
53 52
17
51 50 49
30 31 32
1A3
1A4
1A5
GND
1A6
1A7
1A8
1A9
VCC
2A1
2A2
2A3
GND
2A4
2A5
2A6
1B4
1B5
1B6
GND
1B7
1B8
1B9
VCC
2B1
2B2
2B3
2B4
GND
2B5
2B6
2B7
SN74ABTH18502A, SN74ABTH182502A . . . PM PACKAGE
(TOP VIEW)
description
The ’ABTH18502A and ’ABTH182502A scan test devices with 18-bit universal bus transceivers are members
of the Texas Instruments SCOPE testability integrated-circuit family. This family of devices supports IEEE
Standard 1149.1-1990 boundary scan to facilitate testing of complex circuit-board assemblies. Scan access to
the test circuitry is accomplished via the 4-wire test access port (TAP) interface.
In the normal mode, these devices are 18-bit universal bus transceivers that combine D-type latches and D-type
flip-flops to allow data flow in transparent, latched, or clocked modes. They can be used either as two 9-bit
transceivers or one 18-bit transceiver. The test circuitry can be activated by the TAP to take snapshot samples
of the data appearing at the device pins or to perform a self test on the boundary-test cells. Activating the TAP
in the normal mode does not affect the functional operation of the SCOPE universal bus transceivers.
Data flow in each direction is controlled by output-enable (OEAB and OEBA), latch-enable (LEAB and LEBA),
and clock (CLKAB and CLKBA) inputs. For A-to-B data flow, the device operates in the transparent mode when
LEAB is high. When LEAB is low, the A-bus data is latched while CLKAB is held at a static low or high logic level.
Otherwise, if LEAB is low, A-bus data is stored on a low-to-high transition of CLKAB. When OEAB is low, the
B outputs are active. When OEAB is high, the B outputs are in the high-impedance state. B-to-A data flow is
similar to A-to-B data flow but uses the OEBA, LEBA, and CLKBA inputs.
In the test mode, the normal operation of the SCOPE universal bus transceivers is inhibited and the test circuitry
is enabled to observe and control the I/O boundary of the device. When enabled, the test circuitry performs
boundary-scan test operations according to the protocol described in IEEE Standard 1149.1-1990.


Số phần tương tự - SN74ABTH182502A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74ABTH182502A TI-SN74ABTH182502A Datasheet
802Kb / 42P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74ABTH182502A TI-SN74ABTH182502A Datasheet
832Kb / 42P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74ABTH182502APM TI-SN74ABTH182502APM Datasheet
802Kb / 42P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN74ABTH182502APM TI-SN74ABTH182502APM Datasheet
832Kb / 42P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
More results

Mô tả tương tự - SN74ABTH182502A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN54ABTH18502A TI-SN54ABTH18502A_08 Datasheet
832Kb / 42P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A_07 Datasheet
802Kb / 42P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABT18245A TI-SN54ABT18245A Datasheet
357Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18245A TI-SN54ABT18245A_06 Datasheet
436Kb / 32P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18245A TI-SN54ABT18245A_08 Datasheet
617Kb / 34P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18504 TI-SN54ABT18504_08 Datasheet
665Kb / 34P
[Old version datasheet]   SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18504A TI-SN54ABTH18504A_08 Datasheet
763Kb / 39P
[Old version datasheet]   SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18504A TI-SN54ABTH18504A Datasheet
547Kb / 35P
[Old version datasheet]   SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABT18504 TI-SN54ABT18504 Datasheet
450Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABT18640 TI-SN54ABT18640 Datasheet
400Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT INVERTING BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com