công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74ABT827PWLE bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
SN74ABT827PWLE bảng dữ liệu(HTML) 2 Page - Texas Instruments |
2 / 16 page SN54ABT827, SN74ABT827 10BIT BUFFERS/DRIVERS WITH 3STATE OUTPUTS SCBS159E − JANUARY 1991 − REVISED APRIL 2005 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 logic symbol† † This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12. Pin numbers shown are for the DB, DW, JT, NT, and PW packages. 2 A1 3 A2 4 A3 5 A4 6 A5 Y1 23 Y2 22 Y3 21 Y4 20 Y5 19 Y6 18 Y7 17 Y8 16 7 A6 8 A7 9 A8 13 1 OE1 OE2 EN & Y9 15 Y10 14 10 A9 11 A10 1 logic diagram (positive logic) Y1 To Nine Other Channels OE1 OE2 A1 1 13 223 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)‡ Supply voltage range, VCC −0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (see Note 1) −0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Voltage range applied to any output in the high or power-off state, VO −0.5 V to 5.5 V . . . . . . . . . . . . . . . . . . . Current into any output in the low state, IO: SN54ABT827 96 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . SN74ABT827 128 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input clamp current, IIK (VI < 0) −18 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output clamp current, IOK (VO < 0) −50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 2): DB package 104 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DW package 81 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . NT package 67 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PW package 120 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. The package thermal impedance is calculated in accordance with EIA/JEDEC Std JESD51, except for through-hole packages, which use a trace length of zero. |
Số phần tương tự - SN74ABT827PWLE |
|
Mô tả tương tự - SN74ABT827PWLE |