công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SS13 bảng dữ liệu(PDF) 1 Page - MIC GROUP RECTIFIERS |
|
SS13 bảng dữ liệu(HTML) 1 Page - MIC GROUP RECTIFIERS |
1 / 2 page MASTER INSTRUMENT CORPORATION SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER SS12 THRU SS110 VOLTAGE RANGE Forward Current 20 to 100 Volts 1.0 Amperes E-mail: sales@cnmic.com Web Site: www.cnmic.com 1/2 FEATURES l Plastic package has Unerwrites Laboratory Flammability Classification 94V-0 l Metal silicon junction, majority carrier conduction l For surface mount applications l Guard ring for over voltage protection l Low power loss, high efficiency l High current capability, Low forward voltage drop l High surge capability l For use in low voltage, high frequency inventers, Free wheeling, and polarity protection applications l High temperature soldering guaranteed: 250 oC/10 seconds at terminals MECHANICAL DATA l Case: JEDED SMA (DO-214AC) molded plastic body l Terminals: Solder Plated, solderable per MIL-STD-750 Method 2026 l Polarity: Color band denotes cathode end l Weight: 0.002ounce, 0.064 gram SMA(DO-214AC) Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate by 20%. SYMBOLS SS12 SS13 SS14 SS15 SS16 SS18 SS19 SS110 UNITS Maximum Repetitive Peak Reverse Voltage VRRM 20 30 40 50 60 80 90 100 Volts Maximum RMS Voltage VRMS 14 21 28 35 42 56 63 70 Volts Maximum DC Blocking Voltage VDC 20 30 40 50 60 80 90 100 Volts Maximum Average Forward Rectified Current 0.375”(9.5mm) lead length (see Fig.1) I(AV) 1.0 Amps Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) IFSM 30.0 Amps Maximum Instantaneous Forward Voltage of 1.0A (Note 1) VF 0.55 0.75 0.85 Volts TA=25 oC 0.5 Maximum instantaneous Reverse Current at rated DC blocking voltage (Note 1) TA=125 oC IR 10 mA Typical thermal capacitance (Note 2) RQJL RQJA 28.0 88.0 °C/W Operating and Storage Temperature Range TJ -65 to +125 -65 to +150 Storage temperature range TSTG -65 to +150 oC NOTES: 1.Pulse test: 300μs pulse width, 1% duty cycle. 2.P.C.B. Mounted with 0.2*0.2”(5.0*5.0mm) copper pads. |
Số phần tương tự - SS13 |
|
Mô tả tương tự - SS13 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |