công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74ABT863DWR bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74ABT863DWR
Giải thích chi tiết về linh kiện  9-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT863DWR bảng dữ liệu(HTML) 1 Page - Texas Instruments

  SN74ABT863DWR Datasheet HTML 1Page - Texas Instruments SN74ABT863DWR Datasheet HTML 2Page - Texas Instruments SN74ABT863DWR Datasheet HTML 3Page - Texas Instruments SN74ABT863DWR Datasheet HTML 4Page - Texas Instruments SN74ABT863DWR Datasheet HTML 5Page - Texas Instruments SN74ABT863DWR Datasheet HTML 6Page - Texas Instruments SN74ABT863DWR Datasheet HTML 7Page - Texas Instruments SN74ABT863DWR Datasheet HTML 8Page - Texas Instruments SN74ABT863DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SN54ABT863, SN74ABT863
9-BIT BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS201E – FEBRUARY 1991 – REVISED JULY 1998
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D State-of-the-Art EPIC-ΙΙB™ BiCMOS Design
Significantly Reduces Power Dissipation
D Typical VOLP (Output Ground Bounce) < 1 V
at VCC = 5 V, TA = 25°C
D High-Impedance State During Power Up
and Power Down
D High-Drive Outputs (–32-mA IOH, 64-mA IOL)
D Latch-Up Performance Exceeds 500 mA Per
JESD 17
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
D Package Options Include Plastic
Small-Outline (DW), Shrink Small-Outline
(DB) Packages, and Thin Shrink
Small-Outline (PW), Ceramic Chip Carriers
(FK), Plastic (NT), and Ceramic (JT) DIPs
description
The ’ABT863 devices are 9-bit transceivers
designed
for
asynchronous
communication
between
data
buses.
The
control-function
implementation allows for maximum flexibility in
timing.
These
devices
allow
noninverted
data
transmission from the A bus to the B bus or from
the B bus to the A bus, depending on the logic
levels at the output-enable (OEAB and OEBA)
inputs.
The outputs are in the high-impedance state
during power up and power down. The outputs
remain in the high-impedance state while the
device is powered down.
When VCC is between 0 and 2.1 V, the device is
in the high-impedance state during power up or
power
down.
However,
to
ensure
the
high-impedance state above 2.1 V, OE should be
tied to VCC through a pullup resistor; the minimum
value of the resistor is determined by the
current-sinking capability of the driver.
The SN54ABT863 is characterized for operation over the full military temperature range of –55
°C to 125°C.
The SN74ABT863 is characterized for operation from –40
°C to 85°C.
Copyright
© 1998, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC-
ΙΙB is a trademark of Texas Instruments Incorporated.
SN54ABT863 . . . JT PACKAGE
SN74ABT863 . . . DB, DW, NT, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
OEBA1
A1
A2
A3
A4
A5
A6
A7
A8
A9
OEBA2
GND
VCC
B1
B2
B3
B4
B5
B6
B7
B8
B9
OEAB2
OEAB1
32 1 28 27
12 13
5
6
7
8
9
10
11
25
24
21
22
21
20
19
B3
B4
B5
NC
B6
B7
B8
A3
A4
A5
NC
A6
A7
A8
426
14 15 16 17 18
SN54ABT863 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection


Số phần tương tự - SN74ABT863DWR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74ABT863DWR TI-SN74ABT863DWR Datasheet
270Kb / 13P
[Old version datasheet]   9-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABT863DWRE4 TI-SN74ABT863DWRE4 Datasheet
270Kb / 13P
[Old version datasheet]   9-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABT863DWRG4 TI-SN74ABT863DWRG4 Datasheet
270Kb / 13P
[Old version datasheet]   9-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Mô tả tương tự - SN74ABT863DWR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN54ABT863 TI-SN54ABT863_08 Datasheet
270Kb / 13P
[Old version datasheet]   9-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54BCT29863B TI-SN54BCT29863B Datasheet
78Kb / 5P
[Old version datasheet]   9-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16863 TI-54ACT16863 Datasheet
108Kb / 6P
[Old version datasheet]   18-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED NOVEMBER 1996
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
   16-bit Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT32245 TI-SN54ABT32245 Datasheet
133Kb / 8P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16640 TI-SN54ABT16640_08 Datasheet
373Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com