công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMB12A bảng dữ liệu(PDF) 1 Page - MIC GROUP RECTIFIERS

tên linh kiện SMB12A
Giải thích chi tiết về linh kiện  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MIC [MIC GROUP RECTIFIERS]
Trang chủ  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SMB12A bảng dữ liệu(HTML) 1 Page - MIC GROUP RECTIFIERS

  SMB12A Datasheet HTML 1Page - MIC GROUP RECTIFIERS SMB12A Datasheet HTML 2Page - MIC GROUP RECTIFIERS SMB12A Datasheet HTML 3Page - MIC GROUP RECTIFIERS SMB12A Datasheet HTML 4Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
Stand-off Voltage
5.0 to 170 Volts
SMB5.0 THRU SMB170CA
Peak Pulse Power
600 Watts
FEATURES
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
For surface mounted applications in order to optimize
board space
Low profile package
Built-in strain relief
Glass passivated junction
Low incremental surge resistance
600W peak pulse power capability with a 10/1000μs
Waveform, repetition rate (duty cycle): 0.01%
Excellent clamping capability
Fast response time: typically less than 1.0ps from 0 Volts to
V (BR) for unidirectional and 5.0ns for bidirectional types
For devices with V (BR) ≥10V, ID are typically ID less than 1.0μA
High temperature soldering guaranteed:
250℃/10 seconds at terminals
MECHANICAL DATA
Cass: JEDEC DO-214AA,molded plastic body over passivated junction
Terminals: Axial leads, solderable per MIL-STD-750, Method 2026
Polarity: Color bands denotes positive end (cathode) except bidirectional
Mounting position: any
Weight: 0.003 ounces, 0.093 gram
DEVICES FOR BIDRECTIONAL APPLICATIONS
For bidirectional use C or CA suffix for types SMB-5.0 thru SMB-170 (e.g. SMBG5.0C,SMBJ170CA)
.Electrical Characteristics apply in both directions.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified
Ratings
Symbols
Value
Unit
Peak Pulse power dissipation with a 10/1000μs waveform(NOTE1,2,FIG.1)
PPPM
Minimum 600
Watts
Peak Pulse current with a 10/1000μs waveform (NOTE1,FIG.3)
IPPM
See Table 1
Amps
Peak forward surge current, 8.3ms single half sine-wave superimposed
on rated load (JEDEC Method) (Note2,3) – unidirectional only
IFSM
100.0
Amps
Maximum instantaneous forward voltage at 50A (NOTE 3,4)
unidirectional only (NOTE 3)
VF
SEE NOTE 4
Volts
Operating Junction and Storage Temperature Range
TJ, TSTG
50 to +150
Notes:
1.
Non-repetitive current pulse, per Fig.3 and derated above TA=25℃ per Fig.2
2.
Mounted on 0.2×0.2” (5.0×5.0mm) copper pads to each terminal
3.
Measured on 8.3ms single half sine-wave or equivalent square wave duty cycle = 4 pulses per minutes maximum.
4. VF=3.5 V on SMB thru SMB-90 devices and VF=5.0V on SMB-100 thru SMB-170 devices
DO-214AA(SMB)
Dimensions in inches and (millimeters)


Số phần tương tự - SMB12A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Lite-On Technology Corp...
SMB12A LITEON-SMB12A Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SMB12A LUGUANG-SMB12A Datasheet
164Kb / 4P
   600Watts Surface Mount Transient Voltage Suppressor
More results

Mô tả tương tự - SMB12A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com