công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74ABT843DBR bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74ABT843DBR
Giải thích chi tiết về linh kiện  9-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT843DBR bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button SN74ABT843DBR Datasheet HTML 4Page - Texas Instruments SN74ABT843DBR Datasheet HTML 5Page - Texas Instruments SN74ABT843DBR Datasheet HTML 6Page - Texas Instruments SN74ABT843DBR Datasheet HTML 7Page - Texas Instruments SN74ABT843DBR Datasheet HTML 8Page - Texas Instruments SN74ABT843DBR Datasheet HTML 9Page - Texas Instruments SN74ABT843DBR Datasheet HTML 10Page - Texas Instruments SN74ABT843DBR Datasheet HTML 11Page - Texas Instruments SN74ABT843DBR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
5962-9571201Q3A
ACTIVE
LCCC
FK
28
1
TBD
Call TI
Level-NC-NC-NC
5962-9571201QKA
ACTIVE
CFP
W
24
1
TBD
Call TI
Level-NC-NC-NC
5962-9571201QLA
ACTIVE
CDIP
JT
24
1
TBD
Call TI
Level-NC-NC-NC
SN74ABT843DBLE
OBSOLETE
SSOP
DB
24
TBD
Call TI
Call TI
SN74ABT843DBR
ACTIVE
SSOP
DB
24
2000 Green (RoHS &
no Sb/Br)
CU NIPD
Level-1-260C-UNLIM
SN74ABT843DBRE4
ACTIVE
SSOP
DB
24
2000 Green (RoHS &
no Sb/Br)
CU NIPD
Level-1-260C-UNLIM
SN74ABT843DW
ACTIVE
SOIC
DW
24
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ABT843DWE4
ACTIVE
SOIC
DW
24
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ABT843DWR
ACTIVE
SOIC
DW
24
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ABT843DWRE4
ACTIVE
SOIC
DW
24
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ABT843NSR
ACTIVE
SO
NS
24
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ABT843NSRE4
ACTIVE
SO
NS
24
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ABT843NT
ACTIVE
PDIP
NT
24
15
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
SN74ABT843NTE4
ACTIVE
PDIP
NT
24
15
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
SNJ54ABT843FK
ACTIVE
LCCC
FK
28
1
TBD
Call TI
Level-NC-NC-NC
SNJ54ABT843JT
ACTIVE
CDIP
JT
24
1
TBD
Call TI
Level-NC-NC-NC
SNJ54ABT843W
ACTIVE
CFP
W
24
1
TBD
Call TI
Level-NC-NC-NC
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
PACKAGE OPTION ADDENDUM
www.ti.com
26-Jul-2005
Addendum-Page 1


Số phần tương tự - SN74ABT843DBR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74ABT843DBR TI1-SN74ABT843DBR Datasheet
590Kb / 16P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ABT843DBRG4 TI1-SN74ABT843DBRG4 Datasheet
590Kb / 16P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Mô tả tương tự - SN74ABT843DBR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN54ABT843 TI1-SN54ABT843_15 Datasheet
590Kb / 16P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS29843 TI1-SN74ALS29843 Datasheet
70Kb / 9P
[Old version datasheet]   9-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AS1843 TI1-SN74AS1843 Datasheet
59Kb / 5P
[Old version datasheet]   9-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AS844 TI-SN74AS844 Datasheet
354Kb / 7P
[Old version datasheet]   9-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
54ACT16841 TI-54ACT16841 Datasheet
113Kb / 6P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN74ALS841 TI1-SN74ALS841_15 Datasheet
265Kb / 13P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
54ACT16841 TI-54ACT16841_08 Datasheet
308Kb / 9P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT16843 TI-SN54ABT16843_08 Datasheet
317Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT16841 TI-SN54ABT16841_08 Datasheet
347Kb / 12P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS841 TI-SN54ALS841 Datasheet
141Kb / 11P
[Old version datasheet]   10-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com