công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74ABTE16246 bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74ABTE16246
Giải thích chi tiết về linh kiện  11-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVERS WITH 3-STATE AND OPEN-COLLECTOR OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74ABTE16246 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button SN74ABTE16246 Datasheet HTML 2Page - Texas Instruments SN74ABTE16246 Datasheet HTML 3Page - Texas Instruments SN74ABTE16246 Datasheet HTML 4Page - Texas Instruments SN74ABTE16246 Datasheet HTML 5Page - Texas Instruments SN74ABTE16246 Datasheet HTML 6Page - Texas Instruments SN74ABTE16246 Datasheet HTML 7Page - Texas Instruments SN74ABTE16246 Datasheet HTML 8Page - Texas Instruments SN74ABTE16246 Datasheet HTML 9Page - Texas Instruments SN74ABTE16246 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SN54ABTE16246, SN74ABTE16246
11-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVERS
WITH 3-STATE AND OPEN-COLLECTOR OUTPUTS
SCBS227F – JULY 1993 – REVISED JUNE 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
live-insertion specifications over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
SN54ABTE16246
SN74ABTE16246
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
ICC (VCCBIAS)
VCC = 0 to 4.5 V,
VCCBIAS = 4.5 V to 5.5 V, IO(DC) = 0
250
700
250
700
µA
ICC (VCCBIAS)
VCC = 4.5 V to 5.5 V‡,
VCCBIAS = 4.5 V to 5.5 V, IO(DC) = 0
20
20
µA
VO
A port
VCC =0
VCCBIAS = 4.5 V to 5.5 V
1.1
1.5
1.9
1.1
1.5
1.9
V
VO
A port
VCC = 0
VCCBIAS = 4.75 V to 5.25 V
1.3
1.5
1.7
1.3
1.5
1.7
V
IO
A port
VCC =0
VO = 0,
VCCBIAS = 4.5 V
–20
–100
–20
–100
µA
IO
A port
VCC = 0
VO = 3 V,
VCCBIAS = 4.5 V
20
100
20
100
µA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ VCC – 0.5 V < VCCBIAS
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V
TA = 25°C
SN54ABTE16246
SN74ABTE16246
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
A
B
1.5
3.1
4.2
1.5
5.4
1.5
5.2
ns
tPHL
A
B
1.5
3.5
4.6
1.5
5.4
1.5
5.2
ns
tPLH
9B 11B
9A 11A
1.5
3
3.8
1.5
4.7
1.5
4.5
ns
tPHL
9B–11B
9A–11A
1.5
3.2
4
1.5
4.7
1.5
4.5
ns
tPLH§
1.5
3.2
4
1.5
4.7
1.5
4.5
tPLH¶
1B–8B
1A–8A
7.5
8.9
9.7
7.5
10.6
7.5
10.3
ns
tPHL
1.5
3.2
4
1.5
4.7
1.5
4.5
tPZH
OE
9A–11A
2
4.3
5.3
2
6.4
2
6.2
ns
tPZL
OE
1A–11A
2
4.4
5.4
2
7
2
6.8
ns
tPZH
OE
B
2
4.3
6
2
7.3
2
7.1
ns
tPZL
OE
B
2
4.5
6.4
2
7.5
2
7.3
ns
tPHZ
OE
9A–11A
2
4.2
5.9
2
7
2
6.7
ns
tPLZ
OE
1A–11A
2
3.5
4.6
2
5.4
2
5.1
ns
tPHZ
OE
B
2.5
4.3
6.2
2.5
7.2
2.5
7
ns
tPLZ
OE
B
2
3.6
5
2
5.8
2
5.5
ns
§ Measurement point is VOL + 0.3 V.
¶ Measurement point is VOL + 1.5 V.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Số phần tương tự - SN74ABTE16246

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74ABTE16246 TI-SN74ABTE16246 Datasheet
200Kb / 13P
[Old version datasheet]   11-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVER WITH 3-STATE AND OPEN-COLLECTOR OUTPUTS
SN74ABTE16246DGGR TI-SN74ABTE16246DGGR Datasheet
200Kb / 13P
[Old version datasheet]   11-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVER WITH 3-STATE AND OPEN-COLLECTOR OUTPUTS
SN74ABTE16246DL TI-SN74ABTE16246DL Datasheet
200Kb / 13P
[Old version datasheet]   11-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVER WITH 3-STATE AND OPEN-COLLECTOR OUTPUTS
SN74ABTE16246DLG4 TI-SN74ABTE16246DLG4 Datasheet
200Kb / 13P
[Old version datasheet]   11-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVER WITH 3-STATE AND OPEN-COLLECTOR OUTPUTS
SN74ABTE16246DLR TI-SN74ABTE16246DLR Datasheet
200Kb / 13P
[Old version datasheet]   11-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVER WITH 3-STATE AND OPEN-COLLECTOR OUTPUTS
More results

Mô tả tương tự - SN74ABTE16246

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74ABTE16246 TI-SN74ABTE16246 Datasheet
200Kb / 13P
[Old version datasheet]   11-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVER WITH 3-STATE AND OPEN-COLLECTOR OUTPUTS
SN54ABTE16245 TI-SN54ABTE16245_06 Datasheet
213Kb / 13P
[Old version datasheet]   16-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTE16245 TI-SN54ABTE16245 Datasheet
157Kb / 1P
[Old version datasheet]   16-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ALS641A TI-SN74ALS641A_07 Datasheet
496Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
SN54F621 TI1-SN54F621_16 Datasheet
632Kb / 14P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
SN74ALS641A TI-SN74ALS641A Datasheet
115Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
SN54F621 TI-SN54F621 Datasheet
74Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
SN74ALS641A TI1-SN74ALS641A_16 Datasheet
1Mb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com