công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74ABT853NT bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện SN74ABT853NT
Giải thích chi tiết về linh kiện  8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT853NT bảng dữ liệu(HTML) 7 Page - Texas Instruments

  SN74ABT853NT Datasheet HTML 1Page - Texas Instruments SN74ABT853NT Datasheet HTML 2Page - Texas Instruments SN74ABT853NT Datasheet HTML 3Page - Texas Instruments SN74ABT853NT Datasheet HTML 4Page - Texas Instruments SN74ABT853NT Datasheet HTML 5Page - Texas Instruments SN74ABT853NT Datasheet HTML 6Page - Texas Instruments SN74ABT853NT Datasheet HTML 7Page - Texas Instruments SN74ABT853NT Datasheet HTML 8Page - Texas Instruments SN74ABT853NT Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SN54ABT853, SN74ABT853
8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SCBS198F – FEBRUARY 1991 – REVISED OCTOBER 1997
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
VCC = 5 V,
TA = 25°C
SN54ABT853
SN74ABT853
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
t
Pulse duration
LE high or low
3.5
3.5
3.5
ns
tw
Pulse duration
CLR low
4
4
4
ns
t
Setup time
B or PARITY before LE
9.4†
10.2
9.4†
ns
tsu
Setup time
CLR before LE
2
2
2
ns
th
Hold time
B or PARITY after LE
0
0
0
ns
th
Hold time
CLR after LE
3
3
3
ns
† This data sheet limit can vary among suppliers.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54ABT853
SN74ABT853
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
AorB
BorA
1.2
4.8
1.2
6.4
1.2
5.3
ns
tPHL
A or B
B or A
1
4.8†
1
5.4
1
5.3†
ns
tPLH
A
PARITY
2.1
9.5
2.1
13.3
2.1
11.2
ns
tPHL
A
PARITY
2.5
9.7
2.5
11
2.5
11
ns
tPLH
OE
PARITY
1.8
8.5
1.8
13.6
1.8
10.5
ns
tPHL
OE
PARITY
2.3
8.6
2.3
11.7
2.3
10
ns
tPLH
CLR
ERR
1
5.5
1
6.3
1
6.2
ns
tPLH
LE
ERR
1.8
5.1
1.8
6.1
1.8
6
ns
tPHL
LE
ERR
1†
5.8
1†
6.7
1
6.6
ns
tPLH
B or PARITY
ERR
2
10.1
2
11.8
2
11.7
ns
tPHL
B or PARITY
ERR
2.2†
11.5
2.2†
12.9
2.2†
12.8
ns
tPZH
OE
A or B or PARITY
1
5.8†
1
8.8
1
6.7†
ns
tPZL
OE
A or B or PARITY
1.5†
5.8
1.5†
9.8
1.5†
6.7
ns
tPHZ
OE
A or B or PARITY
1.8†
7.3
1.8†
9.5
1.8†
7.9
ns
tPLZ
OE
A or B or PARITY
2.1†
7.2
2.1†
8.2
2.1†
8.1
ns
† This data sheet limit can vary among suppliers.


Số phần tương tự - SN74ABT853NT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74ABT853 TI-SN74ABT853 Datasheet
357Kb / 25P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
SN74ABT853 TI1-SN74ABT853 Datasheet
975Kb / 20P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN74ABT853DW TI1-SN74ABT853DW Datasheet
975Kb / 20P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN74ABT853DWR TI1-SN74ABT853DWR Datasheet
975Kb / 20P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
More results

Mô tả tương tự - SN74ABT853NT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN54ABT833 TI-SN54ABT833 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT853 TI1-SN54ABT853_17 Datasheet
975Kb / 20P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT833 TI1-SN54ABT833_15 Datasheet
251Kb / 13P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16853 TI-SN54ABT16853_07 Datasheet
308Kb / 11P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16833 TI-SN54ABT16833_08 Datasheet
364Kb / 13P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16833 TI-SN54ABT16833_98 Datasheet
171Kb / 10P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16833 TI-SN54ABT16833 Datasheet
169Kb / 10P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16853 TI-SN54ABT16853 Datasheet
143Kb / 8P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16853 TI-SN54ABT16853_06 Datasheet
157Kb / 9P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
74ACT16833 TI1-74ACT16833 Datasheet
172Kb / 9P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com