công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74ABT543APWR bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
SN74ABT543APWR bảng dữ liệu(HTML) 4 Page - Texas Instruments |
4 / 18 page SN54ABT543A, SN74ABT543A OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS SCBS157F – JANUARY 1991 – REVISED MAY 1997 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions (see Note 3) SN54ABT543A SN74ABT543A UNIT MIN MAX MIN MAX UNIT VCC Supply voltage 4.5 5.5 4.5 5.5 V VIH High-level input voltage 2 2 V VIL Low-level input voltage 0.8 0.8 V VI Input voltage 0 VCC 0 VCC V IOH High-level output current –24 –32 mA IOL Low-level output current 48 64 mA ∆t/∆v Input transition rise or fall rate Outputs enabled 5 5 ns/V TA Operating free-air temperature –55 125 –40 85 °C NOTE 3: Unused pins (input or I/O) must be held high or low to prevent them from floating. electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS TA = 25°C SN54ABT543A SN74ABT543A UNIT PARAMETER TEST CONDITIONS MIN TYP† MAX MIN MAX MIN MAX UNIT VIK VCC = 4.5 V, II = –18 mA –1.2 –1.2 –1.2 V VCC = 4.5 V, IOH = –3 mA 2.5 2.5 2.5 VOH VCC = 5 V, IOH = –3 mA 3 3 3 V VOH VCC =4 5V IOH = –24 mA 2 2 V VCC = 4.5 V IOH = –32 mA 2* 2 VOL VCC =4 5V IOL = 48 mA 0.55 0.55 V VOL VCC = 4.5 V IOL = 64 mA 0.55* 0.55 V Vhys 100 mV II Control inputs VCC =5 5V VI =VCC or GND ±1 ±1 ±1 µA II A or B ports VCC = 5.5 V, VI = VCC or GND ±100 ±100 ±100 µA IOZH‡ VCC = 5.5 V, VO = 2.7 V 10§ 10§ 10§ µA IOZL‡ VCC = 5.5 V, VO = 0.5 V –10§ –10§ –10§ µA Ioff VCC = 0, VI or VO ≤ 4.5 V ±100 ±100 µA ICEX VCC = 5.5 V, VO = 5.5 V Outputs high 50 50 50 µA IO¶ VCC = 5.5 V, VO = 2.5 V –50* –100 –180* –50 –200 –50 –180 mA VCC = 5.5 V, Outputs high 1 250* 350 250 µA ICC A or B ports VCC = 5.5 V, IO = 0, Outputs low 24 30* 34 30 mA VI = VCC or GND Outputs disabled 0.5 250* 350 250 µA ∆ICC# VCC = 5.5 V, One input at 3.4 V, Other inputs at VCC or GND 1.5 1.5 1.5 mA Ci Control inputs VI = 2.5 V or 0.5 V 4 pF Cio A or B ports VO = 2.5 V or 0.5 V 7 pF * On products compliant to MIL-PRF-38535, this parameter does not apply. † All typical values are at VCC = 5 V. ‡ The parameters IOZH and IOZL include the input leakage current. § This data sheet limit may vary among suppliers. ¶ Not more than one output should be tested at a time, and the duration of the test should not exceed one second. # This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND. |
Số phần tương tự - SN74ABT543APWR |
|
Mô tả tương tự - SN74ABT543APWR |