công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74ABT853 bảng dữ liệu(PDF) 5 Page - Texas Instruments |
|
|
SN74ABT853 bảng dữ liệu(HTML) 5 Page - Texas Instruments |
5 / 9 page SN54ABT853, SN74ABT853 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS SCBS198F – FEBRUARY 1991 – REVISED OCTOBER 1997 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions (see Note 3) SN54ABT853 SN74ABT853 UNIT MIN MAX MIN MAX UNIT VCC Supply voltage 4.5 5.5 4.5 5.5 V VIH High-level input voltage 2 2 V VIL Low-level input voltage 0.8 0.8 V VI Input voltage 0 VCC 0 VCC V VOH High-level output voltage ERR 5.5 5.5 V IOH High-level output current Except ERR –24 –32 mA IOL Low-level output current 48 64 mA ∆t/∆v Input transition rise or fall rate Outputs enabled 10 10 ns/V ∆t/∆VCC Power-up ramp rate 200 200 µs/V TA Operating free-air temperature –55 125 –40 85 °C NOTE 3: Unused pins (input or I/O) must be held high or low to prevent them from floating. |
Số phần tương tự - SN74ABT853 |
|
Mô tả tương tự - SN74ABT853 |