công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74ABT5400A bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện SN74ABT5400A
Giải thích chi tiết về linh kiện  11-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT5400A bảng dữ liệu(HTML) 1 Page - Texas Instruments

  SN74ABT5400A Datasheet HTML 1Page - Texas Instruments SN74ABT5400A Datasheet HTML 2Page - Texas Instruments SN74ABT5400A Datasheet HTML 3Page - Texas Instruments SN74ABT5400A Datasheet HTML 4Page - Texas Instruments SN74ABT5400A Datasheet HTML 5Page - Texas Instruments SN74ABT5400A Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SN54ABT5400A, SN74ABT5400A
11-BIT LINE/MEMORY DRIVERS
WITH 3-STATE OUTPUTS
SCBS661B – FEBRUARY 1996 – REVISED MAY 1997
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Output Ports Have Equivalent 25-Ω Series
Resistors, So No External Resistors Are
Required
D State-of-the-Art EPIC-ΙΙB™ BiCMOS Design
Significantly Reduces Power Dissipation
D Latch-Up Performance Exceeds 500 mA Per
JEDEC Standard JESD-17
D Typical VOLP (Output Ground Bounce) < 1 V
at VCC = 5 V, TA = 25°C
D Typical VOLV (Output Undershoot) < 0.5 V at
VCC = 5 V, TA = 25°C
D Package Options Include Plastic
Small-Outline (DW) Package and Ceramic
Chip Carriers (FK) and DIPs (JT)
description
These 11-bit buffers and line drivers are designed
specifically to improve both the performance and
density of 3-state memory address drivers, clock
drivers,
and
bus-oriented
receivers
and
transmitters.
The 3-state control gate is a 2-input AND gate with
active-low inputs so that if either output-enable
(OE1 or OE2) input is high, all 11 outputs are in the
high-impedance state.
The outputs, which are designed to source or sink
up to 12 mA, include equivalent 25-
Ω series
resistors to reduce overshoot and undershoot.
To ensure the high-impedance state during power
up or power down, OE should be tied to VCC
through a pullup resistor; the minimum value of
the resistor is determined by the current-sinking
capability of the driver.
The SN54ABT5400A is characterized for operation over the full military temperature range of –55
°C to 125°C.
The SN74ABT5400A is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE
INPUTS
OUTPUT
OE1
OE2
D
Y
L
L
L
L
L
LH
H
H
XX
Z
X
H
X
Z
Copyright
© 1997, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
Y1
Y2
Y3
Y4
Y5
Y6
GND
GND
Y7
Y8
Y9
Y10
Y11
OE1
D1
D2
D3
D4
D5
D6
VCC
VCC
D7
D8
D9
D10
D11
OE2
SN54ABT5400A . . . JT PACKAGE
SN74ABT5400A . . . DW PACKAGE
(TOP VIEW)
32 1 28 27
12 13 14 15 16 17 18
5
6
7
8
9
10
11
25
24
23
22
21
20
19
D9
D10
D11
OE2
OE1
Y11
Y10
D3
D2
D1
Y1
Y2
Y3
Y4
426
SN54ABT5400A . . . FK PACKAGE
(TOP VIEW)
EPIC-
ΙΙB is a trademark of Texas Instruments Incorporated.


Số phần tương tự - SN74ABT5400A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74ABT5400 TI1-SN74ABT5400 Datasheet
140Kb / 8P
[Old version datasheet]   11-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN74ABT5400DW TI1-SN74ABT5400DW Datasheet
140Kb / 8P
[Old version datasheet]   11-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN74ABT5400DWR TI1-SN74ABT5400DWR Datasheet
140Kb / 8P
[Old version datasheet]   11-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
More results

Mô tả tương tự - SN74ABT5400A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN54ABT5401 TI-SN54ABT5401 Datasheet
106Kb / 6P
[Old version datasheet]   11-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54ABT5400 TI1-SN54ABT5400 Datasheet
140Kb / 8P
[Old version datasheet]   11-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54ABT5403 TI-SN54ABT5403 Datasheet
106Kb / 6P
[Old version datasheet]   12-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54ABT5402A TI1-SN54ABT5402A_14 Datasheet
530Kb / 12P
[Old version datasheet]   12-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54ABT5402A TI-SN54ABT5402A Datasheet
105Kb / 6P
[Old version datasheet]   12-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN74ABT5402 TI1-SN74ABT5402 Datasheet
251Kb / 11P
[Old version datasheet]   12-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54ABT5403 TI1-SN54ABT5403_09 Datasheet
304Kb / 9P
[Old version datasheet]   12-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN74BCT2410 TI1-SN74BCT2410 Datasheet
96Kb / 6P
[Old version datasheet]   11-BIT MOS MEMORY DRIVER WITH 3-STATE OUTPUTS
SN54ABTR2245 TI1-SN54ABTR2245_13 Datasheet
672Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVERS AND LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54ABTR2245 TI-SN54ABTR2245 Datasheet
129Kb / 8P
[Old version datasheet]   OCTAL TRANSCEIVERS AND LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com