công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74ABT533DB bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện SN74ABT533DB
Giải thích chi tiết về linh kiện  OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT533DB bảng dữ liệu(HTML) 1 Page - Texas Instruments

  SN74ABT533DB Datasheet HTML 1Page - Texas Instruments SN74ABT533DB Datasheet HTML 2Page - Texas Instruments SN74ABT533DB Datasheet HTML 3Page - Texas Instruments SN74ABT533DB Datasheet HTML 4Page - Texas Instruments SN74ABT533DB Datasheet HTML 5Page - Texas Instruments SN74ABT533DB Datasheet HTML 6Page - Texas Instruments SN74ABT533DB Datasheet HTML 7Page - Texas Instruments SN74ABT533DB Datasheet HTML 8Page - Texas Instruments SN74ABT533DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SN54ABT533, SN74ABT533
OCTAL TRANSPARENT D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SCBS186A – FEBRUARY 1991 – REVISED JULY 1994
Copyright
© 1994, Texas Instruments Incorporated
2–1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
State-of-the-Art EPIC-ΙΙB™ BiCMOS Design
Significantly Reduces Power Dissipation
Latch-Up Performance Exceeds 500 mA
Per JEDEC Standard JESD-17
Typical V
OLP (Output Ground Bounce)
< 1 V at VCC = 5 V, TA = 25°C
High-Drive Outputs (–32-mA I
OH,
64-mA IOL)
Package Options Include Plastic
Small-Outline (DW) and Shrink
Small-Outline (DB) Packages, Ceramic
Chip Carriers (FK), and Plastic (N) and
Ceramic (J) DIPs
description
The
′ABT533 are 8-bit transparent D-type latches
with 3-state outputs designed specifically for
driving
highly
capacitive
or
relatively
low-
impedance loads. They are particularly suitable
for implementing buffer registers, I/O ports,
bidirectional bus drivers, and working registers.
When the latch-enable (LE) input is high, the
Q outputs follow the complements of the data
(D) inputs. When LE is taken low, the Q outputs
are latched at the inverse of the levels set up at the
D inputs. The
′ABT533 provides inverted data at
its outputs.
A buffered output-enable (OE) input can be used to place the eight outputs in either a normal logic state (high
or low logic levels) or a high-impedance state. In the high-impedance state, the outputs neither load nor drive
the bus lines significantly. The high-impedance state and the increased drive provide the capability to drive bus
lines without need for interface or pullup components.
OE does not affect the internal operations of the latches. Previously stored data can be retained or new data
can be entered while the outputs are in the high-impedance state.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
The SN74ABT533 is available in TI’s shrink small-outline package (DB), which provides the same I/O pin count
and functionality of standard small-outline packages in less than half the printed-circuit-board area.
The SN54ABT533 is characterized for operation over the full military temperature range of – 55
°C to 125°C. The
SN74ABT533 is characterized for operation from – 40
°C to 85°C.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OE
1Q
1D
2D
2Q
3Q
3D
4D
4Q
GND
VCC
8Q
8D
7D
7Q
6Q
6D
5D
5Q
LE
SN54ABT533 ...J PACKAGE
SN74ABT533 . . . DB, DW, OR N PACKAGE
(TOP VIEW)
32 1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
8D
7D
7Q
6Q
6D
2D
2Q
3Q
3D
4D
SN54ABT533 . . . FK PACKAGE
(TOP VIEW)
EPIC-
ΙΙB is a trademark of Texas Instruments Incorporated.
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.


Số phần tương tự - SN74ABT533DB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74ABT533A TI1-SN74ABT533A Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ABT533ADBLE TI1-SN74ABT533ADBLE Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ABT533ADW TI1-SN74ABT533ADW Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ABT533AN TI1-SN74ABT533AN Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ABT533APWLE TI1-SN74ABT533APWLE Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Mô tả tương tự - SN74ABT533DB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com