công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74ABT240AN bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74ABT240AN
Giải thích chi tiết về linh kiện  OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT240AN bảng dữ liệu(HTML) 1 Page - Texas Instruments

  SN74ABT240AN Datasheet HTML 1Page - Texas Instruments SN74ABT240AN Datasheet HTML 2Page - Texas Instruments SN74ABT240AN Datasheet HTML 3Page - Texas Instruments SN74ABT240AN Datasheet HTML 4Page - Texas Instruments SN74ABT240AN Datasheet HTML 5Page - Texas Instruments SN74ABT240AN Datasheet HTML 6Page - Texas Instruments SN74ABT240AN Datasheet HTML 7Page - Texas Instruments SN74ABT240AN Datasheet HTML 8Page - Texas Instruments SN74ABT240AN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SN54ABT240, SN74ABT240A
OCTAL BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCBS098I – JANUARY 1991 – REVISED JUNE 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Typical VOLP (Output Ground Bounce)
<1 V at VCC = 5 V, TA = 25°C
D High-Drive Outputs (–32-mA IOH, 64-mA IOL)
D Ioff Supports Partial-Power-Down Mode
Operation
D Latch-Up Performance Exceeds 500 mA Per
JEDEC Standard JESD-17
D ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
description
These octal buffers and line drivers are designed
specifically to improve both the performance and
density of 3-state memory address drivers, clock
drivers,
and
bus-oriented
receivers
and
transmitters. Together with the SN54ABT241,
SN74ABT241A,
SN54ABT244,
and
SN74ABT244A, these devices provide the choice
of
selected
combinations
of
inverting
and
noninverting outputs, symmetrical active-low
output-enable (OE) inputs, and complementary
OE and OE inputs.
The
SN54ABT240
and
SN74ABT240A
are
organized as two 4-bit buffers/line drivers with
separate OE inputs. When OE is low, the devices
pass inverted data from the A inputs to the Y
outputs. When OE is high, the outputs are in the
high-impedance state.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – N
Tube
SN74ABT240AN
SN74ABT240AN
SOIC
DW
Tube
SN74ABT240ADW
ABT240A
40
°Cto85°C
SOIC – DW
Tape and reel
SN74ABT240ADWR
ABT240A
–40
°C to 85°C
SOP – NS
Tape and reel
SN74ABT240ANSR
ABT240A
SSOP – DB
Tape and reel
SN74ABT240ADBR
AB240A
TSSOP – PW
Tape and reel
SN74ABT240APWR
AB240A
CDIP – J
Tube
SNJ54ABT240J
SNJ54ABT240J
–55
°C to 125°C
CFP – W
Tube
SNJ54ABT240W
SNJ54ABT240W
LCCC – FK
Tube
SNJ54ABT240FK
SNJ54ABT240FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1OE
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
GND
VCC
2OE
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
2A1
SN54ABT240 ...J OR W PACKAGE
SN74ABT240A . . . DB, DW, N, NS, OR PW PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
1Y1
2A4
1Y2
2A3
1Y3
1A2
2Y3
1A3
2Y2
1A4
SN54ABT240 . . . FK PACKAGE
(TOP VIEW)
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Số phần tương tự - SN74ABT240AN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74ABT240AN TI1-SN74ABT240AN Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT240ANSR TI1-SN74ABT240ANSR Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Mô tả tương tự - SN74ABT240AN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI-SN54AC244 Datasheet
361Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com