công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

D030505M-1W bảng dữ liệu(PDF) 1 Page - MORNSUN Science& Technology Ltd.

tên linh kiện D030505M-1W
Giải thích chi tiết về linh kiện  TWIN OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MORNSUN [MORNSUN Science& Technology Ltd.]
Trang chủ  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

D030505M-1W bảng dữ liệu(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  D030505M-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. D030505M-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. D030505M-1W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by Mornsun
Specifications subject to change without notice.
D_M-1W
A/0-2009
Page 1 of 2
D_M-1W Series
1W,FIXED INPUT,1000V ISOLATED & UNREGULATED
TWIN OUTPUT DC-DC CONVERTER
multi-country patent protection
RoHS
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal
Range
Voltage
(VDC)
Max.
Min.
Efficiency
(%, Typ)
D030505M-1W
3.3
2.97-3.63
5
100
10
70
D050303M-1W
3.3
100
10
62
D050505M-1W
5
4.5-5.5
5
100
10
71
COMMON SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Units
Storage humidity range
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Lead temperature
1.5mm from case for 10 seconds
300
Temp. rise at full load
15
25
Short circuit protection*
1
S
Cooling
Free air convection
Case material
Plastic(UL94-V0)
MTBF
1.4
g
Weight
3500
K hours
*Supply voltage must be discontinued at the end of short circuit duration.
ISOLATION SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Units
Isolation voltage (Vin/Vout)
Tested for 1 minute and 1mA max 1000
Isolation voltage (Vo1/Vo2)
Tested for 1 minute and 1mA max 1000
VDC
Isolation resistance (Vin/Vout)
Test at 500VDC
1000
Isolation resistance (Vo1/Vo2)
Test at 500VDC
1000
M
Ω
Isolation capacitance(Vin/Vout)
30
Isolation capacitance(Vo1/Vo2)
30
pF
FEATURES
● Small footprint
● SIP package
● Temperature range: -40°C~+85°C
● 1KVDC isolation
● No Heat sink required
● No external component required
● Internal SMD Construction
● Industry standard pinout
● RoHS Compliance
APPLICATIONS
The D_M-1W Series are specially designed
for applications where a group of polar power
supplies are isolated from the input power
supply in a distributed power supply system on
a circuit board.
These products apply to:
1) Where the voltage of the input power supply
is fixed (voltage variation
≤ ±10%);
2) Where isolation is necessary between input
and output (isolation voltage
≤1000VDC);
3) Where the regulation of the output voltage
and
the
output
ripple
noise
are
not
demanding.
Such as: purely digital circuits, ordinary low
frequency analog circuits, and IGBT power
device driving circuits.
MODEL SELECTION
D050505M-1W
Rated Power
Product Series
The 2nd Output Voltage
The 1st Output Voltage
Input Voltage
Package Style
MORNSUN Science& Technology co.,Ltd.
Address: 2th floor 6th building, Hangzhou
Industrial District, Guangzhou, China
Tel: 86-20-38601850
Fax: 86-20-38601272
http://www.mornsun-power.com


Số phần tương tự - D030505M-1W

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microdc power Technolog...
D030505XM-1W MICRODC-D030505XM-1W Datasheet
586Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED & UNREGULATEDTWINOUTPUTDC-DCCONVERTER
More results

Mô tả tương tự - D030505M-1W

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MORNSUN Science& Techno...
D050505NS-1W MORNSUN-D050505NS-1W Datasheet
143Kb / 2P
   TWIN OUTPUT DC-DC CONVERTER
D050505S-2W MORNSUN-D050505S-2W Datasheet
248Kb / 2P
   TWIN OUTPUT DC-DC CONVERTER
D242323S-1W3-ZK MORNSUN-D242323S-1W3-ZK Datasheet
610Kb / 4P
   TWIN OUTPUT DC-DC CONVERTER
ED120512S-1W MORNSUN-ED120512S-1W Datasheet
233Kb / 2P
   TWIN INDEPENDENT OUTPUT DC-DC CONVERTER
D051212S-1W MORNSUN-D051212S-1W Datasheet
319Kb / 3P
   UNREGULATED TWIN OUTPUT DC-DC CONVERTER
WRD050505MP-3W MORNSUN-WRD050505MP-3W Datasheet
117Kb / 2P
   TWIN OUTPUT DIP DC-DC CONVERTER
WRD050505S-1W MORNSUN-WRD050505S-1W Datasheet
123Kb / 2P
   TWIN OUTPUT SIP DC-DC CONVERTER
ED0505S-1W MORNSUN-ED0505S-1W Datasheet
247Kb / 2P
   TWIN INDEPENDENT OUTPUT DC-DC CONVERTER
logo
Microdc power Technolog...
D-XNM MICRODC-D-XNM Datasheet
418Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED UNREGULATED TWIN OUTPUT DC-DC CONVERTER
logo
Toppower Electronic Tec...
TPD-3W TOPPOWER-TPD-3W Datasheet
716Kb / 3P
   3W Wide Input Isolated & Regulated twin Output Dip Dc-Dc Converter
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com