công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74ABT18640DL bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74ABT18640DL
Giải thích chi tiết về linh kiện  SCAN TEST DEVICES WITH 18-BIT INVERTING BUS TRANSCEIVERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT18640DL bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button SN74ABT18640DL Datasheet HTML 6Page - Texas Instruments SN74ABT18640DL Datasheet HTML 7Page - Texas Instruments SN74ABT18640DL Datasheet HTML 8Page - Texas Instruments SN74ABT18640DL Datasheet HTML 9Page - Texas Instruments SN74ABT18640DL Datasheet HTML 10Page - Texas Instruments SN74ABT18640DL Datasheet HTML 11Page - Texas Instruments SN74ABT18640DL Datasheet HTML 12Page - Texas Instruments SN74ABT18640DL Datasheet HTML 13Page - Texas Instruments SN74ABT18640DL Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
SN54ABT18640, SN74ABT18640
SCAN TEST DEVICES
WITH 18-BIT INVERTING BUS TRANSCEIVERS
SCBS267C – FEBRUARY 1994 – REVISED JULY 1996
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
device-identification register
The device-identification register (IDR) is 32 bits long. It can be selected and read to identify the manufacturer,
part number, and version of this device.
During Capture-DR, the binary value 00000000000000001110000000101111 (0000E02F, hex) is captured in
the IDR to identify this device as Texas Instruments SN54/74ABT18640. The IDR order of scan is from TDI
through bits 31–0 to TDO. Table 2 shows the IDR bits and their significance.
Table 2. Device-Identification Register Configuration
IDR BIT
NUMBER
IDENTIFICATION
SIGNIFICANCE
IDR BIT
NUMBER
IDENTIFICATION
SIGNIFICANCE
IDR BIT
NUMBER
IDENTIFICATION
SIGNIFICANCE
31
VERSION3
27
PARTNUMBER15
11
MANUFACTURER10†
30
VERSION2
26
PARTNUMBER14
10
MANUFACTURER09†
29
VERSION1
25
PARTNUMBER13
9
MANUFACTURER08†
28
VERSION0
24
PARTNUMBER12
8
MANUFACTURER07†
––
––
23
PARTNUMBER11
7
MANUFACTURER06†
––
––
22
PARTNUMBER10
6
MANUFACTURER05†
––
––
21
PARTNUMBER09
5
MANUFACTURER04†
––
––
20
PARTNUMBER08
4
MANUFACTURER03†
––
––
19
PARTNUMBER07
3
MANUFACTURER02†
––
––
18
PARTNUMBER06
2
MANUFACTURER01†
––
––
17
PARTNUMBER05
1
MANUFACTURER00†
––
––
16
PARTNUMBER04
0
LOGIC1†
––
––
15
PARTNUMBER03
––
––
––
––
14
PARTNUMBER02
––
––
––
––
13
PARTNUMBER01
––
––
––
––
12
PARTNUMBER00
––
––
† Note that for TI products, bits 11–0 of the device-identification register always contain the binary value 000000101111
(02F, hex).


Số phần tương tự - SN74ABT18640DL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74ABT18646 TI-SN74ABT18646 Datasheet
208Kb / 13P
[Old version datasheet]   WITH 18-BIT TRANSCEIVER AND REGISTER
SN74ABT18646PM TI-SN74ABT18646PM Datasheet
208Kb / 13P
[Old version datasheet]   WITH 18-BIT TRANSCEIVER AND REGISTER
SN74ABT18646PMG4 TI-SN74ABT18646PMG4 Datasheet
208Kb / 13P
[Old version datasheet]   WITH 18-BIT TRANSCEIVER AND REGISTER
More results

Mô tả tương tự - SN74ABT18640DL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN54ABT18245A TI-SN54ABT18245A Datasheet
357Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18245A TI-SN54ABT18245A_06 Datasheet
436Kb / 32P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18245A TI-SN54ABT18245A_08 Datasheet
617Kb / 34P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A_08 Datasheet
832Kb / 42P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A Datasheet
549Kb / 37P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A_07 Datasheet
802Kb / 42P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
74ABTH182652APMG4 TI1-74ABTH182652APMG4 Datasheet
580Kb / 39P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
SN54ABTH18652A TI-SN54ABTH18652A Datasheet
575Kb / 37P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
SN54ABT18652 TI-SN54ABT18652 Datasheet
169Kb / 11P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
SN54ABT18245 TI1-SN54ABT18245 Datasheet
435Kb / 30P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com