công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN7474N3 bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
SN7474N3 bảng dữ liệu(HTML) 9 Page - Texas Instruments |
9 / 18 page Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) SN74S74N3 OBSOLETE PDIP N 14 TBD Call TI Call TI SN74S74NE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74S74NE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74S74NSR ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74S74NSR ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74S74NSRE4 ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74S74NSRE4 ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SNJ5474J OBSOLETE CDIP J 14 TBD Call TI Call TI SNJ5474J OBSOLETE CDIP J 14 TBD Call TI Call TI SNJ5474W OBSOLETE CFP W 14 TBD Call TI Call TI SNJ5474W OBSOLETE CFP W 14 TBD Call TI Call TI SNJ54LS74AFK ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC SNJ54LS74AFK ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC SNJ54LS74AJ ACTIVE CDIP J 14 1 TBD Call TI Level-NC-NC-NC SNJ54LS74AJ ACTIVE CDIP J 14 1 TBD Call TI Level-NC-NC-NC SNJ54LS74AW ACTIVE CFP W 14 1 TBD Call TI Level-NC-NC-NC SNJ54LS74AW ACTIVE CFP W 14 1 TBD Call TI Level-NC-NC-NC SNJ54S74FK ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC SNJ54S74FK ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC SNJ54S74J ACTIVE CDIP J 14 1 TBD Call TI Level-NC-NC-NC SNJ54S74J ACTIVE CDIP J 14 1 TBD Call TI Level-NC-NC-NC SNJ54S74W ACTIVE CFP W 14 1 TBD Call TI Level-NC-NC-NC SNJ54S74W ACTIVE CFP W 14 1 TBD Call TI Level-NC-NC-NC (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS) or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes. Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material) (3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature. Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is PACKAGE OPTION ADDENDUM www.ti.com 17-Oct-2005 Addendum-Page 3 |
Số phần tương tự - SN7474N3 |
|
Mô tả tương tự - SN7474N3 |