công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74148J bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
SN74148J bảng dữ liệu(HTML) 9 Page - Texas Instruments |
9 / 22 page SN54147, SN54148, SN54LS147, SN54LS148 SN74147, SN74148 (TIM9907), SN74LS147, SN74LS148 10LINE TO 4LINE AND 8LINE TO 3LINE PRIORITY ENCODERS SDLS053B − OCTOBER 1976 − REVISED MAY 2004 9 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 SN54148, SN74148 switching characteristics, VCC = 5 V, TA = 255C (see Figure 1) PARAMETER† FROM (INPUT) TO (OUTPUT) WAVEFORM TEST CONDITIONS MIN TYP MAX UNIT tPLH 1–7 A0, A1, or A2 In-phase output 10 15 ns tPHL 1–7 A0, A1, or A2 In-phase output 9 14 ns tPLH 1–7 A0, A1, or A2 Out-of-phase output 13 19 ns tPHL 1–7 A0, A1, or A2 Out-of-phase output 12 19 ns tPLH 0–7 EO Out-of-phase output 6 10 ns tPHL 0–7 EO Out-of-phase output 14 25 ns tPLH 0–7 GS In-phase output CL = 15 pF, 18 30 ns tPHL 0–7 GS In-phase output CL = 15 pF, RL = 400 Ω 14 25 ns tPLH EI A0, A1, or A2 In-phase output RL = 400 10 15 ns tPHL EI A0, A1, or A2 In-phase output 10 15 ns tPLH EI GS In-phase output 8 12 ns tPHL EI GS In-phase output 10 15 ns tPLH EI EO In-phase output 10 15 ns tPHL EI EO In-phase output 17 30 ns † tPLH = propagation delay time, low-to-high-level output. tPHL = propagation delay time, high-to-low-level output. electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS† SN54LS’ SN74LS’ UNIT PARAMETER TEST CONDITIONS† MIN TYP‡ MAX MIN TYP‡ MAX UNIT VIH High-level input voltage 2 2 V VIL Low-level input voltage 0.7 0.8 V VIK Input clamp voltage VCC = MIN, II = −18 mA −1.5 −1.5 V VOH High-level output voltage VCC = MIN, VIL = 0.8 V, VIH = 2 V, IOH = −400 µA 2.5 3.4 2.7 3.4 V VOL Low-level output voltage VCC = MIN, VIH = 2 V, IOL = 4 mA 0.25 0.4 0.25 0.4 V VOL Low-level output voltage CC VIH = 2 V, VIL = VIL MAX IOL = 8 mA 0.35 0.5 V II Input current at maximum input ’LS148 inputs 1–7 VCC = MAX, VI = 7 V 0.2 0.2 mA II maximum input voltage All other inputs VCC = MAX, VI = 7 V 0.1 0.1 mA IIH High-level input ’LS148 inputs 1–7 VCC = MAX, VI = 2.7 V 40 40 A IIH High-level input current All other inputs VCC = MAX, VI = 2.7 V 20 20 µA IIL Low-level input ’LS148 inputs 1–7 VCC = MAX, VI = 0.4 V −0.8 −0.8 mA IIL Low-level input current All other inputs VCC = MAX, VI = 0.4 V −0.4 −0.4 mA IOS Short-circuit output current§ VCC = MAX −20 −100 −20 −100 mA ICC Supply current VCC = MAX Condition 1 12 20 12 20 mA ICC Supply current VCC = MAX (See Note 6) Condition 2 10 17 10 17 mA † For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions. ‡ All typical values are at VCC = 5 V, TA = 25°C. § Not more than one output should be shorted at a time. NOTE 6: For ’LS147, ICC (Condition 1) is measured with input 7 grounded, other inputs and outputs open; ICC (Condition 2) is measured with all inputs and outputs open. For ’LS148, ICC (Condition 1) is measured with inputs 7 and EI grounded, other inputs and outputs open; ICC (Condition 2) is measured with all inputs and outputs open. |
Số phần tương tự - SN74148J |
|
Mô tả tương tự - SN74148J |