công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM40B-18 bảng dữ liệu(PDF) 7 Page - Pletronics, Inc.

tên linh kiện SM40B-18
Giải thích chi tiết về linh kiện  SM40 Series Miniature SMD Crystal
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PLETRONICS [Pletronics, Inc.]
Trang chủ  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM40B-18 bảng dữ liệu(HTML) 7 Page - Pletronics, Inc.

  SM40B-18 Datasheet HTML 1Page - Pletronics, Inc. SM40B-18 Datasheet HTML 2Page - Pletronics, Inc. SM40B-18 Datasheet HTML 3Page - Pletronics, Inc. SM40B-18 Datasheet HTML 4Page - Pletronics, Inc. SM40B-18 Datasheet HTML 5Page - Pletronics, Inc. SM40B-18 Datasheet HTML 6Page - Pletronics, Inc. SM40B-18 Datasheet HTML 7Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SM40 Series
Miniature SMD Crystal
January 2009
www.pletronics.com
425-776-1880
7
IMPORTANT NOTICE
Pletronics Incorporated (PLE) reserves the right to make corrections, improvements, modifications and
other changes to this product at anytime. PLE reserves the right to discontinue any product or service
without notice. Customers are responsible for obtaining the latest relevant information before placing orders
and should verify that such information is current and complete. All products are sold subject to PLE’s
terms and conditions of sale supplied at the time of order acknowledgment.
PLE warrants performance of this product to the specifications applicable at the time of sale in accordance
with PLE’s limited warranty. Testing and other quality control techniques are used to the extent PLE deems
necessary to support this warranty. Except where mandated by specific contractual documents, testing of
all parameters of each product is not necessarily performed.
PLE assumes no liability for application assistance or customer product design. Customers are responsible
for their products and applications using PLE components. To minimize the risks associated with the
customer products and applications, customers should provide adequate design and operating safeguards.
PLE products are not designed, intended, authorized or warranted to be suitable for use in life support
applications, devices or systems or other critical applications that may involve potential risks of death,
personal injury or severe property or environmental damage. Inclusion of PLE products in such applications
is understood to be fully at the risk of the customer. Use of PLE products in such applications requires the
written approval of an appropriate PLE officer. Questions concerning potential risk applications should be
directed to PLE.
PLE does not warrant or represent that any license, either express or implied, is granted under any PLE
patent right, copyright, artwork or other intellectual property right relating to any combination, machine or
process which PLE product or services are used. Information published by PLE regarding third-party
products or services does not constitute a license from PLE to use such products or services or a warranty
or endorsement thereof. Use of such information may require a license from a third party under the patents
or other intellectual property of the third party, or a license from PLE under the patents or other intellectual
property of PLE.
Reproduction of information in PLE data sheets or web site is permissible only if the reproduction is without
alteration and is accompanied by associated warranties, conditions, limitations and notices. Reproduction
of this information with alteration is an unfair and deceptive business practice. PLE is not responsible or
liable for such altered documents.
Resale of PLE products or services with statements different from or beyond the parameters stated by PLE
for that product or service voids all express and implied warranties for the associated PLE product or
service and is an unfair or deceptive business practice. PLE is not responsible for any such statements.
Contacting Pletronics Inc.
Pletronics Inc.
Tel: 425-776-1880
19013 36
th Ave. West
Fax: 425-776-2760
Lynnwood, WA 98036-5761 USA
E-mail: ple-sales@pletronics.com
URL: www.pletronics.com
Copyright © 2005, 2006, 2007,2008, 2009 Pletronics Inc.


Số phần tương tự - SM40B-18

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Semtech Corporation
SM40 SEMTECH-SM40 Datasheet
151Kb / 3P
   RECTIFIER UP YO 10kV, 300mA, 2.5us
logo
SHENZHEN KOO CHIN ELECT...
SM4001 KOOCHIN-SM4001 Datasheet
255Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
logo
DAESAN ELECTRONIC CORP.
SM4001 DAESAN-SM4001 Datasheet
216Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
logo
Formosa MS
SM4001 FORMOSA-SM4001 Datasheet
105Kb / 2P
   Glass passivated type
logo
Nantong Hornby Electron...
SM4001 HORNBY-SM4001 Datasheet
253Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
More results

Mô tả tương tự - SM40B-18

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pletronics, Inc.
SM45-18 PLETRONICS-SM45-18 Datasheet
116Kb / 7P
   Miniature SMD Crystal
SM55-18 PLETRONICS-SM55-18 Datasheet
116Kb / 7P
   Miniature SMD Crystal
SM42-18 PLETRONICS-SM42-18 Datasheet
157Kb / 7P
   Miniature SMD Crystal
SM12T-18 PLETRONICS-SM12T-18 Datasheet
155Kb / 7P
   SM12T Series Miniature SMD Crystal
SM13TS-18 PLETRONICS-SM13TS-18 Datasheet
162Kb / 7P
   SM13T Series Miniature SMD Crystal
SM11T-18 PLETRONICS-SM11T-18 Datasheet
154Kb / 7P
   SM11T Series Miniature SMD Crystal
SM12T2-18 PLETRONICS-SM12T2-18 Datasheet
151Kb / 6P
   SM12T2 Series Miniature SMD Crystal
SM8T-8 PLETRONICS-SM8T-8 Datasheet
97Kb / 6P
   SM8T Series Miniature SMD Crystal
SM10T-18 PLETRONICS-SM10T-18 Datasheet
98Kb / 6P
   SM10T Series Miniature SMD Crystal
SM9T-8 PLETRONICS-SM9T-8 Datasheet
98Kb / 6P
   SM9T Series Miniature SMD Crystal
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com