công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN7405N3 bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
SN7405N3 bảng dữ liệu(HTML) 4 Page - Texas Instruments |
4 / 18 page SN54LS05, SN54S05 SN7405, SN74LS05, SN74S05 HEX INVERTERS WITH OPENCOLLECTOR OUTPUTS SDLS030A − DECEMBER 1983 − REVISED NOVEMBER 2003 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions SN5405 SN7405 UNIT MIN NOM MAX MIN NOM MAX UNIT VCC Supply voltage 4.5 5 5.5 4.75 5 5.25 V VIH High-level input voltage 2 2 V VIL Low-level input voltage 0.8 0.8 V VOH High-level output voltage 5.5 5.5 V IOL Low-level output current 16 16 mA TA Operating free-air temperature −55 125 0 70 °C electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS† SN5405 SN7405 UNIT PARAMETER TEST CONDITIONS† MIN TYP‡ MAX MIN TYP‡ MAX UNIT VIK VCC = MIN, II = −12 mA −1.5 −1.5 V IOH VCC = MIN, VOH = 5.5 V VIL = 0.8 V 0.25 mA IOH VCC = MIN, VOH = 5.5 V VIL = 0.7 V 0.25 mA VOL VCC = MIN, VIH = 2 V, IOL = 16 mA 0.2 0.4 0.2 0.4 V II VCC = MAX, VI = 5.5 V 1 1 mA IIH VCC = MAX, VI = 2.4 V 40 40 µA IIL VCC = MAX, VI = 0.4 V −1.6 −1.6 mA ICCH VCC = MAX, VI = 0 V 6 12 6 12 mA ICCL VCC = MAX, VI = 4.5 V 18 33 18 33 mA † For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions. ‡ All typical values are at VCC = 5 V, TA = 25°C. switching characteristics, VCC = 5 V, TA = 25°C (see Figure 1) PARAMETER FROM (INPUT) TO (OUTPUT) TEST CONDITIONS MIN TYP MAX UNIT tPLH A Y RL = 4 kΩ CL = 15 pF 40 55 ns tPHL A Y RL = 400 Ω CL = 15 pF 8 15 ns The SN5405 is obsolete and no longer is supplied. |
Số phần tương tự - SN7405N3 |
|
Mô tả tương tự - SN7405N3 |