công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74126 bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
SN74126 bảng dữ liệu(HTML) 4 Page - Texas Instruments |
4 / 18 page SN54125, SN54126, SN54LS125A, SN54LS126A, SN74125, SN74126, SN74LS125A, SN74LS126A QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS SDLS044A – DECEMBER 1983 – REVISED MARCH 2002 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 schematics (each gate) 10 k W 18 k W 12 k W 8 k W 18 k W 18 k W 8 k W 6 k W 6 k W 4 k W 4 k W 5 k W 4 k W 750 W 750 W 5 k W 4 k W 20 k W 20 k W 1.5 k W 1.5 k W 50 W 50 W INPUT G INPUT G INPUT A INPUT A OUTPUT GND OUTPUT GND VCC VCC ’LS125A CIRCUITS ’LS126A CIRCUITS Resistor values shown are nominal. absolute maximum ratings over operating free-air temperature (unless otherwise noted)† (’LS125A and ’LS126A) Supply voltage, VCC (see Note 1) 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage, VI 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 2):D package 86 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . N package 80 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . NS package 76 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg –65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. Voltage values are with respect to network ground terminal. 2. The package termal impedance is calculated in accordance with JESD 51-7. The SN54125, SN54126, SN74125, SN74126, and SN54LS126A are obsolete and are no longer supplied. |
Số phần tương tự - SN74126 |
|
Mô tả tương tự - SN74126 |