công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN7416D bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
SN7416D bảng dữ liệu(HTML) 2 Page - Texas Instruments |
2 / 7 page SN5406, SN5416, SN7406, SN7416 HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS SDLS031A – DECEMBER 1983 – REVISED DECEMBER 2001 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 logic diagram (positive logic) 1A 2A 3A 4A 5A 6A 1Y 2Y 3Y 4Y 5Y 6Y 1 3 5 9 11 13 2 4 6 8 10 12 Y = A schematic (each buffer/driver) Resistor values shown are nominal. 6 k Ω Input A Output Y GND VCC 1.4 k Ω 1.6 k Ω 100 Ω 1 k Ω 2 k Ω ’06, ’16 absolute maximum ratings over operating free-air temperature (unless otherwise noted)† Supply voltage, VCC (see Note 1) 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage, VI (see Note 1) 5.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output voltage, VO (see Notes 1 and 2): SN5406, SN7406 30 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . SN5416, SN7416 15 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 3): D package 86 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . N package 80 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . NS package 76 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg –65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. Voltage values are with respect to network ground terminal. 2. This is the maximum voltage which should be applied to any output when it is in the off state. 3. The package thermal impedance is calculated in accordance with JESD 51-7. |
Số phần tương tự - SN7416D |
|
Mô tả tương tự - SN7416D |