công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OP27EFK bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện OP27EFK
Giải thích chi tiết về linh kiện  LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

OP27EFK bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button OP27EFK Datasheet HTML 5Page - Texas Instruments OP27EFK Datasheet HTML 6Page - Texas Instruments OP27EFK Datasheet HTML 7Page - Texas Instruments OP27EFK Datasheet HTML 8Page - Texas Instruments OP27EFK Datasheet HTML 9Page - Texas Instruments OP27EFK Datasheet HTML 10Page - Texas Instruments OP27EFK Datasheet HTML 11Page - Texas Instruments OP27EFK Datasheet HTML 12Page - Texas Instruments OP27EFK Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
OP27A, OP27C, OP27E, OP27G
OP37A, OP37C, OP37E, OP37G
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
SLOS100B – FEBRUARY 1989 – REVISED AUGUST 1994
2–9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
TYPICAL CHARACTERISTICS
INPUT OFFSET CURRENT
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
50
40
30
20
10
0
– 75
– 50
– 25
0
50
75
100
125
25
VCC
± = ±15 V
OP27C/G
OP37C/G
OP27A/E
OP37A/E
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
± 50
± 40
± 30
± 20
± 10
0
– 50 – 25
0
50
75
100
125
25
– 75
OP27C/G
OP37C/G
OP27A/E
OP37A/E
VCC
± = ±15 V
Figure 4
Figure 5
20
COMMON-MODE INPUT VOLTAGE RANGE LIMITS
vs
SUPPLY VOLTAGE
0
±5
±10
±15
±20
VCC + – Supply Voltage – V
TA = – 55°C
TA = 125°C
TA = – 55°C
TA = 125°C
TA = 25°C
TA = 25°C
MAXIMUM PEAK OUTPUT VOLTAGE
vs
LOAD RESISTANCE
18
16
14
12
10
8
6
4
2
0
0.1
1
10
RL – Load Resistance – kΩ
16
12
8
4
0
– 4
– 8
– 12
– 16
VCC
± = ± 15 V
TA = 25°C
Positive
Swing
Negative
Swing
Figure 6
Figure 7
† Data for temperatures below – 25
°C and above 85°C are applicable to the OP27A, OP27C, OP37A, and OP37C only.


Số phần tương tự - OP27EFK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
OP27EJ AD-OP27EJ Datasheet
370Kb / 16P
   Low-Noise, Precision Operational Amplifier
REV. A
logo
Maxim Integrated Produc...
OP27EJ MAXIM-OP27EJ Datasheet
446Kb / 12P
   Low-Noise Precision Operaional Amplifiers
Rev 0; 10/92
logo
Analog Devices
OP27EP AD-OP27EP Datasheet
370Kb / 16P
   Low-Noise, Precision Operational Amplifier
REV. A
logo
Maxim Integrated Produc...
OP27EP MAXIM-OP27EP Datasheet
446Kb / 12P
   Low-Noise Precision Operaional Amplifiers
Rev 0; 10/92
logo
Analog Devices
OP27EP AD-OP27EP Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
More results

Mô tả tương tự - OP27EFK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Linear Technology
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP27GU TI-OP27GU Datasheet
314Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
LT1007 TI-LT1007 Datasheet
306Kb / 24P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1007 LINER-LT1007_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
LT1037 LINER-LT1037_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
logo
Texas Instruments
OP27A TI1-OP27A_14 Datasheet
327Kb / 23P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
OP27AFKB TI-OP27AFKB Datasheet
314Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
OP27CJGB TI-OP27CJGB Datasheet
329Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-27 LINER-OP-27_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
OP-27 LINER-OP-27 Datasheet
788Kb / 11P
   Low Noise, High Speed Precision Operational Amplifiers?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com