công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OP27GJG bảng dữ liệu(PDF) 8 Page - Texas Instruments

tên linh kiện OP27GJG
Giải thích chi tiết về linh kiện  LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

OP27GJG bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button OP27GJG Datasheet HTML 4Page - Texas Instruments OP27GJG Datasheet HTML 5Page - Texas Instruments OP27GJG Datasheet HTML 6Page - Texas Instruments OP27GJG Datasheet HTML 7Page - Texas Instruments OP27GJG Datasheet HTML 8Page - Texas Instruments OP27GJG Datasheet HTML 9Page - Texas Instruments OP27GJG Datasheet HTML 10Page - Texas Instruments OP27GJG Datasheet HTML 11Page - Texas Instruments OP27GJG Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
OP27A, OP27C, OP27E, OP27G
OP37A, OP37C, OP37E, OP37G
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
SLOS100B – FEBRUARY 1989 – REVISED AUGUST 1994
2–8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
TYPICAL CHARACTERISTICS
100
80
60
40
20
0
– 20
– 40
– 60
– 80
– 100
– 50
– 25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
INPUT OFFSET VOLTAGE OF
REPRESENTATIVE INDIVIDUAL UNITS
vs
FREE-AIR TEMPERATURE
VCC
± = ±15 V
10
5
0
WARM-UP CHANGE IN
INPUT OFFSET VOLTAGE
vs
ELAPSED TIME
12345
Time After Power On – minutes
VCC
± = ±15 V
TA = 25°C
OP27CP/GP
OP37CP/GP
OP27C/37C
OP27A/37A
OP27A/37A
OP27E/37E
OP27C/37C
OP27G/37G
OP27AP/EP
OP37AP/EP
Figure 1
Figure 2
LONG-TERM DRIFT OF INPUT OFFSET VOLTAGE OF
REPRESENTATIVE INDIVIDUAL UNITS
6
2
4
0
– 2
– 4
– 6
012345678
Time – months
0.2-
µV/mo Trend Line
0.2-
µV/mo Trend Line
Figure 3
† Data for temperatures below – 25
°C and above 85°C are applicable to the OP27A, OP27C, OP37A, and OP37C only.


Số phần tương tự - OP27GJG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
OP27GJ AD-OP27GJ Datasheet
370Kb / 16P
   Low-Noise, Precision Operational Amplifier
REV. A
logo
Maxim Integrated Produc...
OP27GJ MAXIM-OP27GJ Datasheet
446Kb / 12P
   Low-Noise Precision Operaional Amplifiers
Rev 0; 10/92
logo
Analog Devices
OP27GJ AD-OP27GJ Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP27GJ AD-OP27GJ Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP27GJ AD-OP27GJ Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
More results

Mô tả tương tự - OP27GJG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Linear Technology
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP27GU TI-OP27GU Datasheet
314Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
LT1007 TI-LT1007 Datasheet
306Kb / 24P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1007 LINER-LT1007_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
LT1037 LINER-LT1037_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
logo
Texas Instruments
OP27A TI1-OP27A_14 Datasheet
327Kb / 23P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
OP27AFKB TI-OP27AFKB Datasheet
314Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
OP27CJGB TI-OP27CJGB Datasheet
329Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-27 LINER-OP-27_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
OP-27 LINER-OP-27 Datasheet
788Kb / 11P
   Low Noise, High Speed Precision Operational Amplifiers?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com