công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FC-XRM70 bảng dữ liệu(PDF) 4 Page - Gamewell-FCI by Honeywell

tên linh kiện FC-XRM70
Giải thích chi tiết về linh kiện  Audio Command Center Voice Evacuation Control Panel
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Trang chủ  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

FC-XRM70 bảng dữ liệu(HTML) 4 Page - Gamewell-FCI by Honeywell

  FC-XRM70 Datasheet HTML 1Page - Gamewell-FCI by Honeywell FC-XRM70 Datasheet HTML 2Page - Gamewell-FCI by Honeywell FC-XRM70 Datasheet HTML 3Page - Gamewell-FCI by Honeywell FC-XRM70 Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GWACC
CS-2504 09/01/06
Page 4 of 4
Specifications and wiring information are provided for information only and are
believed to be accurate. Gamewell-FCI assumes no responsibility for their use.
Data and design are subject to change without notice. Installation and wiring
instructions shipped with the product shall always be used for actual installation.
For more information, contact Gamewell-FCI.
Gamewell-FCI
12 Clintonville Road
Northford, CT 06472
Phone: 203-484-7161
Fax: 203-484-7118
www.gamewell-fci.com
A Honeywell Company
© 2006 Gamewell-FCI
Two Speaker Circuits
Dual output zone, dual input circuit — tone/voice message (see Figure 2). This application example consists of one GWACC with two
speaker circuits and requires the installation of a second amplifier. This configuration is suitable for small facilities requiring no more than 50 watts
of output power and a 60-second fire evacuation message.
In this application example, the addressable FACP directs tone or voice messages to either of the speaker circuits via the control modules con-
nected to the CMD1 and CMD2 inputs. S3 DIP switches “1”, “2”, and “3” are set to OFF; this selection configures CMD1/CMD2 to direct the Fire
Message to the Auditorium Speakers or Classroom Speakers. The S5 DIP switches “5” and “6” are set to ON; these contact closures activate
CMD1 (switch “5”) and CMD2 (switch “6”) inputs.
In this application example, the system may also be manually activated from the keypad. Press the Auditorium Speakers and/or Classroom
Speakers push-button(s), then press the Fire Message push-button. Alternately, use the microphone to make an announcement. To manually
deactivate a speaker circuit, press the activated (illuminated) output zone push-button.
NOTES:
1) *EOLR required only for Style
Y (Class B). 4.75K ohm, 1 watt,
P/N 75470.
2) Typical illustration of an addres-
sable Gamewell control panel and
addressable control modules. Re-
fer to manual for voltage ranges,
message control switch settings,
and command input specifica-
tions.
FIGURE 2:
Two Speaker Circuits,
Dual Output Zone,
Dual Input Circuit
Keypad Example


Số phần tương tự - FC-XRM70

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gamewell-FCI by Honeywe...
FC-XRM70 GAMEWELL-FCI-FC-XRM70 Datasheet
169Kb / 4P
   Zoned Audio Command Center Voice Evacuation Control Panel
More results

Mô tả tương tự - FC-XRM70

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gamewell-FCI by Honeywe...
GWACCZ GAMEWELL-FCI-GWACCZ Datasheet
169Kb / 4P
   Zoned Audio Command Center Voice Evacuation Control Panel
INI-VGC GAMEWELL-FCI-INI-VGC Datasheet
210Kb / 4P
   Command center voice gateway
IF602VE-126 GAMEWELL-FCI-IF602VE-126 Datasheet
99Kb / 4P
   Analog Addressable Control Panel with Voice Evacuation
GV-MP16-RC GAMEWELL-FCI-GV-MP16-RC Datasheet
152Kb / 2P
   Fire Command Center Multiplexed Voice Multiplexed Voice
VSYS1 GAMEWELL-FCI-VSYS1 Datasheet
132Kb / 2P
   Emergency Voice Evacuation
150-00026 GAMEWELL-FCI-150-00026 Datasheet
583Kb / 4P
   Emergency Voice Evacuation System
INI-VGC GAMEWELL-FCI-INI-VGC_13 Datasheet
92Kb / 4P
   Intelligent Network Command Center
AASERIES GAMEWELL-FCI-AASERIES Datasheet
56Kb / 1P
   Amplifiers for Emergency Voice Evacuation Systems
logo
List of Unclassifed Man...
D1256 ETC2-D1256 Datasheet
448Kb / 1P
   Fire Command Center, Fire Annunciator
logo
Gamewell-FCI by Honeywe...
ILI95-MB-E3 GAMEWELL-FCI-ILI95-MB-E3 Datasheet
311Kb / 5P
   Intelligent, Networked, Multi-Channel Fire Alarm Control and Emergency Voice Evacuation System
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com