công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CAB610-XL bảng dữ liệu(PDF) 1 Page - Gamewell-FCI by Honeywell

tên linh kiện CAB610-XL
Giải thích chi tiết về linh kiện  Analog Addressable Control Panel
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Trang chủ  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

CAB610-XL bảng dữ liệu(HTML) 1 Page - Gamewell-FCI by Honeywell

  CAB610-XL Datasheet HTML 1Page - Gamewell-FCI by Honeywell CAB610-XL Datasheet HTML 2Page - Gamewell-FCI by Honeywell CAB610-XL Datasheet HTML 3Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use.
©2007 Honeywell International Inc. All rights reserved.
www.gamewell-fci.com
CS-2491 Rev. A page 1 of 3
600 Series
IdentiFlex 610
with SmartScan™
Analog Addressable Control Panel
Description
The IdentiFlex 610 (IF610SS) with SmartScan™ is suited
for medium-sized installations of commercial, institutional,
and industrial life-safety applications.
The IF610SS offers all the features of today’s most
advanced life safety systems. The integration of analog
and addressable hardwired circuits allows system engi-
neers to customize panels and maximize efficiency for a
given application. The IF610SS can be networked with up
to 256 other 600 Series panels using Gamewell-FCI’s
SmartLink™ peer-to-peer network.
The IF610SS can monitor and control up to 792 intelligent
analog addressable input/output points. Analog circuits are
backed up by Gamewell-FCI’s Default Alarm Mode for
added security. The 1,000-point history log furnishes a
complete record of system activities. The interactive opera-
tor’s display uses LED prompting for ease of programming
and user operation. The alphanumeric display and keypad
simplify field programming, or program from a PC using
Gamewell-FCI’s SmartProgram II programmer.
The IF610SS’s cabinet will fit between 16" studs for semi-
flush mounting. The compact design and key-activated
dead-front construction enables secure routine mainte-
nance of the system. Access to system function keys is lim-
ited by a key switch. Multiple levels of password protection
prevent unauthorized use. The circuit boards are mounted
on a removable chassis, and are designed with pluggable
terminal strips for ease of installation and service.
Operator’s Display
The IF610SS’s operator’s display provides all user access
to the system. The display has all the necessary keys and
annunciation points to maintain and monitor the system.
Alarm, supervisory, and trouble conditions are indicated on
the operator’s display by dedicated LEDs and an internal
sounder. The Acknowledge, Reset, and Signal Silence
keys are located directly below the 4-line by 40-character
backlit alphanumeric display. All system functions and
operational logic can be programmed directly from the front
panel.
SmartScan™ Series and SmartStart™ are trademarks of Honeywell International Inc.
Microsoft® Windows® is a registered trademark of Microsoft® Corporation.
Features
Two or four Signaling Line Circuits (SLC), up to 792
points.
SmartScan™ protocol — up to 99 detectors and 99
devices per loop.
SmartStart™ self-programming logic.
Programmable by PC or front panel.
Password protected.
Approved for Supervisory Service.
Fully digital SLC protocol.
SmartLink™ networkable.
1000-event history log.
Automatic drift compensation.
Coded signaling capability.
Adjustable sensor sensitivity and temperature settings.
Day/night sensitivity setting.
Supervisory service.
Style 6 (Class A) or Style 4 (Class B) SLC.
Two Style Y (Class B), or two Style Z (Class A) notifica-
tion appliance circuits (NACs).
Semi-flush mounting (between 16" studs).
160-character display.
Optional integrated voice evacuation.
Optional UDACT.
Agent Releasing service.
IF610SS
An ISO 9000-2000 Company
SIGNALING
S521
APPROVED
FM


Số phần tương tự - CAB610-XL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taoglas antenna solutio...
CAB616 TAOGLAS-CAB616 Datasheet
363Kb / 6P
   Taoglas Cable Assembly IPEX MHFI to SMA
logo
List of Unclassifed Man...
CAB618C ETC2-CAB618C Datasheet
268Kb / 5P
   Taoglas Cable Assembly IPEX MHFI to SMA(F)Bulkhead Straight Connector with 200mm 1.13 cable
logo
Taoglas antenna solutio...
CAB618C TAOGLAS-CAB618C Datasheet
266Kb / 5P
   Taoglas Cable Assembly IPEX MHFI to SMA(F)Bulkhead Straight Connector with 200mm 1.13 cable
More results

Mô tả tương tự - CAB610-XL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gamewell-FCI by Honeywe...
IF602SS-198R GAMEWELL-FCI-IF602SS-198R Datasheet
365Kb / 3P
   Analog Addressable Control Panel
IF632 GAMEWELL-FCI-IF632 Datasheet
97Kb / 3P
   Analog Addressable Control Panel
IF602VE-126 GAMEWELL-FCI-IF602VE-126 Datasheet
99Kb / 4P
   Analog Addressable Control Panel with Voice Evacuation
LCD-7100 GAMEWELL-FCI-LCD-7100 Datasheet
243Kb / 3P
   Compact Analog Addressable Fire Alarm Control Panel
7100-1-PNL GAMEWELL-FCI-7100-1-PNL Datasheet
269Kb / 3P
   Compact Analog Addressable Fire Alarm Control Panel
logo
List of Unclassifed Man...
MS9200 ETC1-MS9200 Datasheet
446Kb / 4P
   Addressable Fire Alarm Control Panel
logo
Gamewell-FCI by Honeywe...
SLP-BLK GAMEWELL-FCI-SLP-BLK Datasheet
142Kb / 4P
   Small Addressable Fire Alarm Control Panel
XP95-B4 GAMEWELL-FCI-XP95-B4 Datasheet
128Kb / 2P
   Analog Addressable Sensors
AAM95 GAMEWELL-FCI-AAM95 Datasheet
99Kb / 2P
   Analog Addressable Module
XP95-T GAMEWELL-FCI-XP95-T Datasheet
136Kb / 2P
   Analog Addressable Thermal Sensor
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com