công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS-B6 bảng dữ liệu(PDF) 1 Page - Gamewell-FCI by Honeywell

tên linh kiện SS-B6
Giải thích chi tiết về linh kiện  Intelligent Addressable Plug-In Thermal (Heat) Detectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Trang chủ  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

SS-B6 bảng dữ liệu(HTML) 1 Page - Gamewell-FCI by Honeywell

  SS-B6 Datasheet HTML 1Page - Gamewell-FCI by Honeywell SS-B6 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS-T Series CS-2460 09/01/06
Page 1 of 2
Features
• Sleek, low-profile, stylish design.
• State-of-the-art thermistor technology
for fast response.
• SS-TR rate-of-rise model: 15°F (8.3°C)
per minute.
• SS-T fixed heat, Factory preset at
135°F (57°C).
• SS-TH high temperature model of
190°F (88°C).
• Addressable by devices via decade
address switches.
• Rotary, decimal addressing (1 – 99)
• Two-wire SLC connection.
• Visible LEDs “blink” every time the unit
is addressed.
• 360°-field viewing angle of the visual
alarm indicators (two bicolor LEDs).
LEDs blink green in Normal condition
and turn on steady red in Alarm.
• Integral communications and built-in
device-type identification.
• Remote test feature from the panel.
• Built-in functional test switch activated
by external magnet.
• Low standby current.
• Built-in tamper-resistant feature.
• Designed for direct-surface or electrical-
box mounting.
• Sealed against back pressure.
• Plugs into separate base for ease of
installation and maintenance. Separate
base allows interchange of photoelec-
tric, ionization and thermal sensors.
• SEMS screws for wiring of the separate
base.
• Constructed of off-white Bayblend®,
designed to commercial standards, and
offers an attractive appearance.
• 94-5V plastic flammability rating.
• Remote LED output connection to
optional RA400Z remote LED annuncia-
tor.
• Optional sounder, relay, and isolator
bases.
• Optional recessed (RMK400) or surface
(SMK400) base mounting kits.
Listings
Listings and approvals below apply to
the SS-T Series of intelligent, address-
able thermal (heat) detectors. In some
cases, certain detectors may not be
listed by certain approval agencies, or
listing may be in process. Consult
factory for latest listing status.
• UL Listed: file S2527.
• CSFM approved: file 3240-1288:166.
• MEA approved: file 383-02-E Vol. V.
Description
Gamewell’s SmartScanTM intelli-
gent plug-in smoke detectors with
integral communication provide
features that surpass conven-
tional detectors. Detector sensi-
tivity can be programmed in the
control panel software. Sensitiv-
ity is continuously monitored and
reported to the panel. Point ID
capability allows each detector’s
address to be set with decade
address switches, providing exact detector locations for selective maintenance
and troubleshooting. SS-T Series thermal detectors use an innovative ther-
mistor sensing circuit to produce 135°F/57°C fixed-temperature (SS-T) and rate-
of-rise thermal detection (SS-TR) in a low-profile package. SS-TH provides fixed
high-temperature detection at 190°F/88°C in a low-profile package as well. These
thermal detectors provide cost effective, intelligent property protection in a vari-
ety of applications. SS-T Series addressable detectors are compatible with
Gamewell’s 602, 610, 632, 654 and 658 addressable fire alarm control panels
with a SmartScanTM SLC.
Installation
The SS-T Series of plug-in intelligent, addressable thermal detectors use a sepa-
rate base to simplify installation, service, and maintenance. Installation instruc-
tions are shipped with each detector.
Mount base (all base types) on an electrical backbox which is at least 1.5" (3.81
cm) deep. Suitable back boxes include:
• 4.0" (10.16 cm) square box.
• 3.5" (8.89 cm) or 4.0" (10.16 cm) octagonal box.
• Single-gang box (except relay or isolator base).
• With B501BH or B501BHT base, use a 4.0" (10.16 cm) square box.
• With B224RB or B224BI base, use a 3.5" (8.89 cm) or 4.0" (10.16 cm) oc-
tagonal box, or a 4.0" (10.16 cm) square box.
NOTES: 1) Because of the inherent supervision provided by the SLC loop, end-of-line resis-
tors are not required. Wiring “T-taps” or branches are permitted for Style 4 (Class “B”) wiring.
2) When using relay or sounder bases, consult the SS-LI data sheet for device limitations
between isolator modules and isolator bases.
Applications
Use thermal detectors for protection of property. For further information, go to
systemsensor.com for manual I56-407-00, Applications Manual for System
Smoke Detectors, which provides detailed information on detector spacing, place-
ment, zoning, wiring, and special applications.
Bayblend® is a registered trademark of Bayer Corporation.
6936pho1.jpg
SS-T in SS-B6 base
SS-T Series
Intelligent Addressable Plug-In
Thermal (Heat) Detectors


Số phần tương tự - SS-B6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gamewell-FCI by Honeywe...
SS-B6 GAMEWELL-FCI-SS-B6 Datasheet
98Kb / 2P
   Intelligent Addressable Plug-In Ionization Smoke Detector
SS-B6 GAMEWELL-FCI-SS-B6 Datasheet
233Kb / 4P
   Laser Smoke Detector
More results

Mô tả tương tự - SS-B6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Systemsensor advanced i...
2251B SYSTEMSENSOR-2251B Datasheet
492Kb / 2P
   Intelligent Low Profile Plug-in Detectors
A05-0205 SYSTEMSENSOR-A05-0205 Datasheet
231Kb / 2P
   400 Series Plug-In Thermal Detectors
logo
Gamewell-FCI by Honeywe...
SS-I GAMEWELL-FCI-SS-I Datasheet
98Kb / 2P
   Intelligent Addressable Plug-In Ionization Smoke Detector
logo
Systemsensor advanced i...
SPDS106 SYSTEMSENSOR-SPDS106 Datasheet
198Kb / 2P
   200 Series Intelligent Low-Profile Plug-In Detectors
logo
Gamewell-FCI by Honeywe...
XP95-ID GAMEWELL-FCI-XP95-ID Datasheet
253Kb / 2P
   Analog Addressable Duct Smoke Detectors
logo
Systemsensor advanced i...
ED-DPR SYSTEMSENSOR-ED-DPR Datasheet
266Kb / 4P
   Intelligent Duct Smoke Detectors
ED-P SYSTEMSENSOR-ED-P Datasheet
124Kb / 4P
   Intelligent Photoelectric Smoke Detectors
logo
OSRAM GmbH
SCD55100A OSRAM-SCD55100A Datasheet
699Kb / 17P
   Dot Addressable Intelligent Display짰 Devices
logo
Systemsensor advanced i...
5601P SYSTEMSENSOR-5601P Datasheet
320Kb / 2P
   Mechanical Heat Detectors
logo
OSRAM GmbH
SCE5740 OSRAM-SCE5740 Datasheet
653Kb / 16P
   Dot Addressable Intelligent Display짰 Devices
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com