công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC3486 bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MC3486
Giải thích chi tiết về linh kiện  QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

MC3486 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  MC3486 Datasheet HTML 1Page - Texas Instruments MC3486 Datasheet HTML 2Page - Texas Instruments MC3486 Datasheet HTML 3Page - Texas Instruments MC3486 Datasheet HTML 4Page - Texas Instruments MC3486 Datasheet HTML 5Page - Texas Instruments MC3486 Datasheet HTML 6Page - Texas Instruments MC3486 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC3486
QUADRUPLE DIFFERENTIAL LINE RECEIVER
WITH 3-STATE OUTPUTS
SLLS097B – JUNE 1980 – REVSIED MAY 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of common-mode input voltage, supply
voltage, and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VIT +
Differential input high-threshold voltage
VO = 2.7 V,
IO = – 0.4 mA
0.2
V
VIT –
Differential input low-threshold voltage
VO = 0.5 V,
IO = – 8 mA
– 0.2†
V
VIK
Enable-input clamp voltage
II = – 10 mA
– 1.5
V
VOH
High level output voltage
VID = 0.4 V, IO = – 0.4 mA,
27
V
VOH
High-level output voltage
ID
,
O
,
See Note 3 and Figure 1
2.7
V
VOL
Low level output voltage
VID = – 0.4 V, IO = 8 mA,
05
V
VOL
Low-level output voltage
ID
, O
,
See Note 3 and Figure 1
0.5
V
IOZ
High impedance state output current
VIL = 0.8 V,
VID = – 3 V,
VO = 2.7 V
40
µA
IOZ
High-impedance-state output current
VIL = 0.8 V,
VID = 3 V,
VO = 0.5 V
–40
µA
VI = – 10 V
– 3.25
IIB
Differential input bias current
VCC = 0 V or 5.25 V,
VI = – 3 V
–1.5
mA
IIB
Differential-input bias current
CC
,
Other inputs at 0 V
VI = 3 V
1.5
mA
VI = 10 V
3.25
IIH
High level enable input current
VI = 5.25 V
100
µA
IIH
High-level enable input current
VI = 2.7 V
20
µA
IIL
Low-level enable input current
VI = – 0.5 V
– 100
µA
IOS
Short-circuit output current
VID = 3 V,
VO = 0,
See Note 4
–15
– 100
mA
ICC
Supply current
VIL = 0
85
mA
† The algebraic convention, in which the least positive (most negative) limit is designated as minimum, is used in this data sheet for threshold
voltages only.
NOTES:
3. Refer to ANSI Standards EIA/TIA-422-B and EIA/TIA-423-B for exact conditions.
4. Only one output should be shorted at a time.
switching characteristics, VCC = 5 V, CL = 15 pF, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPHL
Propagation delay time, high- to low-level output
See Figure 2
28
35
ns
tPLH
Propagation delay time, low- to high-level output
See Figure 2
27
30
ns
tPZH
Output enable time to high level
13
30
ns
tPZL
Output enable time to low level
See Figure 3
20
30
ns
tPHZ
Output disable time from high level
See Figure 3
26
35
ns
tPLZ
Output disable time from low level
27
35
ns


Số phần tương tự - MC3486

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MC3486 TI-MC3486 Datasheet
385Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
MC3486 TI1-MC3486 Datasheet
953Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
MC3486D TI-MC3486D Datasheet
385Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
MC3486D TI1-MC3486D Datasheet
953Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
MC3486DE4 TI-MC3486DE4 Datasheet
385Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
More results

Mô tả tương tự - MC3486

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MC3486 TI-MC3486_06 Datasheet
385Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
MC3486 TI1-MC3486_14 Datasheet
953Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD26LS31 HITACHI-HD26LS31 Datasheet
81Kb / 15P
   Quadruple Differential Line Drivers With 3 State Outputs
HD26LS32A HITACHI-HD26LS32A Datasheet
42Kb / 5P
   Quadruple Differential Line Receivers With 3 State Outputs
logo
List of Unclassifed Man...
HD75153 ETC-HD75153 Datasheet
35Kb / 6P
   Quadruple Differential Line Drivers With 3 State Outputs
logo
Renesas Technology Corp
HD26LS32A RENESAS-HD26LS32A Datasheet
134Kb / 8P
   Quadruple Differential Line Receivers With 3 State Outputs
HD26LS32 RENESAS-HD26LS32 Datasheet
202Kb / 15P
   Quadruple Differential Line Receivers With 3 State Outputs
logo
Hitachi Semiconductor
HD26C32A HITACHI-HD26C32A Datasheet
97Kb / 14P
   Quadruple Differential Line Receivers With 3 State Outputs
HD26LS32 HITACHI-HD26LS32 Datasheet
88Kb / 15P
   Quadruple Differential Line Receivers With 3 State Outputs
logo
Renesas Technology Corp
HD29413 RENESAS-HD29413 Datasheet
139Kb / 8P
   Quadruple Differential Line Receivers With 3 State Outputs
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com