công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FC00530 bảng dữ liệu(PDF) 1 Page - Gamewell-FCI by Honeywell

tên linh kiện FC00530
Giải thích chi tiết về linh kiện  Enclosure, surface or recessed
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Trang chủ  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

FC00530 bảng dữ liệu(HTML) 1 Page - Gamewell-FCI by Honeywell

  FC00530 Datasheet HTML 1Page - Gamewell-FCI by Honeywell FC00530 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Firefighter’s
Handset
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472 - Tel: (203) 484-7161 - Fax: (203) 484-7118
Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use.
©
2006 Gamewell-FCI. All rights reserved.
www.gamewell-fci.com
9020-0667 Rev. B page 1 of 2
Portable Firefighter’s Telephone
Handset and Cabinet
Features
• Durable, red finish and 16” (41 cm) gauge steel
construction.
• Surface or flush backbox.
• No tools required - use slide pins to insert
the removable door.
• Offers clearly marked, raised clamp terminals for
field wiring.
• Key lock or break glass access.
• Two cabinet door options:
• Overall backbox dimensions 9” W x 13” H x 4” D
(23 x 33 x 10 cm) includes a 1”
(2.5 cm) extension
flange.
• Multiple voltages / supervised polarity equipped.
- NYC warden station magnetic latch door with
pull handle.
- Key lock latch door.
• Complies with the ADA standards for surface-
mount.
Description
The ETC Emergency Telephone Cabinet, Fire-
fighter’s Handset provides two-way emergency tele-
phone communication between firefighters and
other authorized personnel for a life safety system. It
is designed for use with a variety of life safety con-
trol systems. An added benefit is easy integration
with systems that have addressable and zone tele-
phone circuits in a single flexile product package.
Typically, it is installed in corridors, lobbies, me-
chanical control centers, stairways and other strate-
gic locations in a facility. When the handset is lifted
from the cradle, it activates a visible indication (LED)
that contact has positively initiated. The ETC phone
is ready for the operator to communicate with the
system that is connected to the building firefighter
emergency telephone communications system. It is
field configurable for different voltage operations for
both supervised and non-supervised systems. The
unit has a red epoxy finish with enhanced graphics
in white indelible ink permanently marked for identifi-
cation. It also includes optional surface or flush
mounting with no visible hardware.
Model FHS Portable
Firefighter’s Telephone Handset
This handset comes with a coiled cord. The
attached plug fits Firefighter’s Phone Jack, Model
FPJ, allowing firefighters to make direct communica-
tions with a central control area.
FHS Firefighter’s Handset
An ISO 9000-2000 Company
ETC with Key Lock Latch
ETC with Pull Handle Magnetic Latch


Số phần tương tự - FC00530

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gamewell-FCI by Honeywe...
FC00530 GAMEWELL-FCI-FC00530 Datasheet
109Kb / 2P
   Portable Fire Fighter?셲 Telephone Handset and Cabinet
FC00530 GAMEWELL-FCI-FC00530_14 Datasheet
109Kb / 2P
   Portable Fire Fighter?셲 Telephone Handset and Cabinet
More results

Mô tả tương tự - FC00530

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MC19051001 ETC2-MC19051001 Datasheet
161Kb / 4P
   3mm Prominent or Recessed
logo
Advanced Thermal Soluti...
ATS-WFF-100W-12-C ATS-ATS-WFF-100W-12-C Datasheet
599Kb / 1P
   Enclosure or cabinet cooling
logo
Schurter Inc.
DF11 SCHURTER-DF11_17 Datasheet
553Kb / 7P
   IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
DF11 SCHURTER-DF11_18 Datasheet
536Kb / 6P
   IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
DF11 SCHURTER-DF11_V02 Datasheet
634Kb / 7P
   IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
08.12.2021
DF11 SCHURTER-DF11_V01 Datasheet
634Kb / 7P
   IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
logo
Lumins Inc.
NT100R LUMINIS-NT100R Datasheet
113Kb / 2P
   Wall recessed mount
logo
Tyco Electronics
2-435166-9 MACOM-2-435166-9 Datasheet
6Mb / 326P
   DIP Switches, Recessed Rocker, Through Hole and Surface Mount
logo
Grayhill, Inc
76SC02ST GRAYHILL-76SC02ST Datasheet
228Kb / 2P
   Raised and Recessed Rocker
logo
List of Unclassifed Man...
MT216 ETC1-MT216 Datasheet
335Kb / 2P
   RECESSED LIGHTING LOW VOLTAGE
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com