công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FC00530 bảng dữ liệu(PDF) 2 Page - Gamewell-FCI by Honeywell

tên linh kiện FC00530
Giải thích chi tiết về linh kiện  Enclosure, surface or recessed
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Trang chủ  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

FC00530 bảng dữ liệu(HTML) 2 Page - Gamewell-FCI by Honeywell

  FC00530 Datasheet HTML 1Page - Gamewell-FCI by Honeywell FC00530 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472 - Tel: 203-484-7161 - Fax: 203-484-7118
www.gamewell.fci.com
9020-0667 Rev. B page 2 of 2
Specifications
Emergency Telephone Cabinet:
Cabinet
16”
(41 cm) gauge steel with durable
epoxy red finish cover.
Cover
1”
(2.5 cm) high lettering for easy identifi-
cation with permanent white indelible ink.
Phone cradle
switch
Sealed micro switch-based cradle.
Phone cabinet
Includes a removable door with finger
slide pins used for improved service.
Handset
Red with optional red coil cord or
armored cable.
Field
connections
Terminated to a raised clamp terminal
and clearly marked.
Backbox
dimensions
13” H x 9” W x 4” D
(33 x 23 x 10 cm)
includes a 1”
(2.5 cm) extension flange
(Complies with ADA depth for surface-
mount).
Ordering Information
Part Number Description
FC00530
Enclosure, surface or recessed, red
FC00535CX
Telephone assembly coil cord /
standard headset, red
FC00535AX
Telephone assembly armored cord/
standard headset, red
FC00535MD
Solid door / magnetic latch
FC00535SL
Solid door / PD-625 key lock
FC00542
Break glass door / PK-625 key
FC00531
1” Extension flange / red
FC00533
Replacement break glass
FC00535B
PK-625 lock for FF phone cab
FC00566
FF phone cabinet - holds 5
FC00567
FF phone cabinet - holds 10
FPJ
Fire phone jack
FHS
Fire handset
FPJ
Telephone Receptacles
FPJ Firefighter’s Phone Jack
Receptacle is a semi-flush mounted with a single-
gang box (the box is not furnished with a recepta-
cle). The receptacle has a single phone jack
mounted on an attractive, single-gang, stainless
steel plate. Color-coded wires, 6 inches
(15.2 cm)
long, are prewired to the jack to enable fast and ac-
curate wiring to the system.
Backbox Overall Dimensions:
The backbox dimensions appear in Figure 1. The
foot print on the wall measures 9.25” W x 12/8” H
(23.5 x 32.5 cm).
Figure 1 Backbox Dimensions


Số phần tương tự - FC00530

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gamewell-FCI by Honeywe...
FC00530 GAMEWELL-FCI-FC00530 Datasheet
109Kb / 2P
   Portable Fire Fighter?셲 Telephone Handset and Cabinet
FC00530 GAMEWELL-FCI-FC00530_14 Datasheet
109Kb / 2P
   Portable Fire Fighter?셲 Telephone Handset and Cabinet
More results

Mô tả tương tự - FC00530

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MC19051001 ETC2-MC19051001 Datasheet
161Kb / 4P
   3mm Prominent or Recessed
logo
Advanced Thermal Soluti...
ATS-WFF-100W-12-C ATS-ATS-WFF-100W-12-C Datasheet
599Kb / 1P
   Enclosure or cabinet cooling
logo
Schurter Inc.
DF11 SCHURTER-DF11_17 Datasheet
553Kb / 7P
   IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
DF11 SCHURTER-DF11_18 Datasheet
536Kb / 6P
   IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
DF11 SCHURTER-DF11_V02 Datasheet
634Kb / 7P
   IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
08.12.2021
DF11 SCHURTER-DF11_V01 Datasheet
634Kb / 7P
   IEC Appliance Inlet C14 or C18 with recessed Circuit Breaker TA45
logo
Lumins Inc.
NT100R LUMINIS-NT100R Datasheet
113Kb / 2P
   Wall recessed mount
logo
Tyco Electronics
2-435166-9 MACOM-2-435166-9 Datasheet
6Mb / 326P
   DIP Switches, Recessed Rocker, Through Hole and Surface Mount
logo
Grayhill, Inc
76SC02ST GRAYHILL-76SC02ST Datasheet
228Kb / 2P
   Raised and Recessed Rocker
logo
List of Unclassifed Man...
MT216 ETC1-MT216 Datasheet
335Kb / 2P
   RECESSED LIGHTING LOW VOLTAGE
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com