công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FC-2866 bảng dữ liệu(PDF) 1 Page - Gamewell-FCI by Honeywell |
|
FC-2866 bảng dữ liệu(HTML) 1 Page - Gamewell-FCI by Honeywell |
1 / 2 page DESCRIPTION The FC-2224 Fire Alarm Control panel is a proven, versa- tile, two-zone control with space to accommodate an op- tional digital communicator. It meets the requirements of NFPA Standard 72 for Central Station, Protected Premises, and Remote (DACT) Supervising Station Fire Alarm Sys- tems. It is Listed to UL Standard 864, inherently power lim- ited and meets all UL transient immunity requirements. The many features of the FC-2224 control provide a cost effective approach to systems design, and allow a great de- gree of flexibility in one enclosure. These features include two (2) Class B, Style B initiating circuits and two (2) Class B, Style Y notification appliance circuits, rated at 1.25 amps each. Notification appliance circuits can be configured as silenceable or non-silenceable. DIP switch programming is used throughout, eliminating the need for computers and associated software. A time delay of 30, 60, or 90 seconds is available for waterflow switches. The control is housed in a red steel enclosure with a win- dow offering a view of LEDs displaying the status of vital functions. The surface mounted enclosure, with its slim ap- pearance (3 3/8-inch depth) is designed to blend with any en- vironment. Space is available for two (2) B-7R batteries. Supervision of vital components, plug-in modules, func- tional switches and standby batteries is provided. The optional digital communicator includes a wide range of selectable transmission formats to communicate to most central stations. Other features of the communicator are: A line-active indicator for each of two phone lines, “Kiss-Off” signal LED, dual “low telephone voltage detect” circuitry and programmable event codes per format. The FC-2224 is programmable for AC power loss delay required for DACT operation. An optional serial annunciator driver allows remote alarm annunciation to as many as four (4) Model FC-2866 remote annunciators. Other optional modules include the FC-2880 I/O module which provides 34 pre-defined open collector outputs that can be used to drive LEDs or relays. AGENCY APPROVALS UL S1869 CSFM Approved FEATURES · Inherently Power Limited · DIP Switch Programming · Choice of Output Patterns Including ANSI S3.41 · Programmable Time Delay for Waterflow Switches · Periodic Trouble Reminder · Walk Test Feature · Optional Digital Communicator with Multiple Reporting Formats · Serial Annunciator Output (Optional) · Surface Mount Technology FC-2224 TWO-ZONE PANEL CONVENTIONAL FIRE ALARM CONTROL 16 Southwest Park, Westwood, MA 02090 USA TEL: (781) 471-3000 FAX: (781) 471-3099 9020-0483/Ver. 1.5 Specifications are provided for information only, are not intended to be used for installation purposes, and are believed to be accurate. However, no responsibility is assumed by Fire Control In- struments, Inc. for their use. Specifications subject to change without notice. © 2000 All Rights Reserved An ISO 9001 Certified Company |
Số phần tương tự - FC-2866 |
|
Mô tả tương tự - FC-2866 |