công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM317MDCYG3 bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM317MDCYG3
Giải thích chi tiết về linh kiện  3-TERMINAL ADJUSTABLE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM317MDCYG3 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LM317MDCYG3 Datasheet HTML 3Page - Texas Instruments LM317MDCYG3 Datasheet HTML 4Page - Texas Instruments LM317MDCYG3 Datasheet HTML 5Page - Texas Instruments LM317MDCYG3 Datasheet HTML 6Page - Texas Instruments LM317MDCYG3 Datasheet HTML 7Page - Texas Instruments LM317MDCYG3 Datasheet HTML 8Page - Texas Instruments LM317MDCYG3 Datasheet HTML 9Page - Texas Instruments LM317MDCYG3 Datasheet HTML 10Page - Texas Instruments LM317MDCYG3 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.ti.com
APPLICATION INFORMATION
LM317M
R1
240
IAdj
R2
Adjust
Ci (Note A)
0.1
µF
CO (Note B)
1.0
µF
VI
VO (Note C)
NOTES: A. Ci is not required, but is recommended, particularly if the regulator is not in close proximity
to the power-supply filter capacitors. A 0.1-
µF disc or 1-µF tantalum provides sufficient
bypassing for most applications, especially when adjustment and output capacitors are used.
B. CO improves transient response, but is not needed for stability.
C. VO is calculated as shown:
Because IAdj typically is 50 µA, it is negligible in most applications.
D. CADJ is used to improve ripple rejection; it prevents amplification of the ripple as the output voltage
is adjusted higher. If CADJ is used, it is best to include protection diodes.
E. If the input is shorted to ground during a fault condition, protection diodes provide measures to
prevent the possiblility of external capacitors discharging through low-impedance paths in the IC. By
providing low-impedance discharge paths for CO and CADJ, respectively, D1 and D2 prevent the
capacitors from discharging into the output of the regulator.
Output
Input
Vref = 1.25 V
V
O
+ Vref 1 )
R
2
R
1
) (IAdj
R
2)
D1 (Note E)
1N4002
D2 (Note E)
1N4002
CADJ (Note D)
LM317M
3-TERMINAL ADJUSTABLE REGULATOR
SLVS297O – APRIL 2000 – REVISED JULY 2006
Figure 14. Adjustable Voltage Regulator
7
Submit Documentation Feedback


Số phần tương tự - LM317MDCYG3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM317MDCYG3 TI-LM317MDCYG3 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317MDCYG3 TI-LM317MDCYG3 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317MDCYG3 TI1-LM317MDCYG3 Datasheet
937Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Regulator
More results

Mô tả tương tự - LM317MDCYG3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com