công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCH2815D bảng dữ liệu(PDF) 4 Page - Crane Aerospace & Electronics.

tên linh kiện MCH2815D
Giải thích chi tiết về linh kiện  MCH/MGH Single and Dual DC/DC Converters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CRANE [Crane Aerospace & Electronics.]
Trang chủ  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MCH2815D bảng dữ liệu(HTML) 4 Page - Crane Aerospace & Electronics.

  MCH2815D Datasheet HTML 1Page - Crane Aerospace & Electronics. MCH2815D Datasheet HTML 2Page - Crane Aerospace & Electronics. MCH2815D Datasheet HTML 3Page - Crane Aerospace & Electronics. MCH2815D Datasheet HTML 4Page - Crane Aerospace & Electronics. MCH2815D Datasheet HTML 5Page - Crane Aerospace & Electronics. MCH2815D Datasheet HTML 6Page - Crane Aerospace & Electronics. MCH2815D Datasheet HTML 7Page - Crane Aerospace & Electronics. MCH2815D Datasheet HTML 8Page - Crane Aerospace & Electronics. MCH2815D Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MCH/MGH Single and Dual DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 4 of 18
Rev E - 20060508
www.craneae.com
28 VOLT INPUT – 1.5 WATT
Pin
Single Output
Dual Output
1
Positive Input
Positive Input
2
Input Common
Input Common
3
Positive Output
Positive Output
4
Output Common
Output Common
5
Case Ground
Case Ground
6
No connection
Negative Output
7
Inhibit
Inhibit
FIGURE 3: MCH PIN OUT
Squared corner and dot on
top of cover indicate pin one.
14
75
23
6
See case A2 for dimensions.
PIN OUT MCH MODELS
PINS NOT IN USE
Inhibit (INH1, INH2)
Leave unconnected
Pin 2, 12, 15, 16, 17
Ground to input common
(pins with no connection)
FIGURE 4: MGH PIN OUT
1
2
3
4
5
6
8
9
7
18
17
16
15
14
13
12
11
10
TOP VIEW
MGH
Differently colored glass bead around pin one or dimple in
header (bottom or side of case) indicates pin one.
Cover marking is oriented with pin one at the upper right corner.
See case B for dimensions and “gull-wing” option.
Pin
Single Output
Dual Output
1
Positive Input
Positive Input
2
No connection
No connection
3
Input Common
Input Common
4, 5
Positive Output
Positive Output
6, 7
Case Ground
Case Ground
8, 9
Output Common
Output Common
10, 11
Case Ground
Case Ground
12
No connection
No connection
13, 14
No connection
Negative Output
15, 16, 17
No connection
No connection
18
Inhibit
Inhibit
To meet specified performance, all pins must
be connected except “No Connection” pins.
PIN OUT MGH MODELS


Số phần tương tự - MCH2815D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Interpoint Corporation ...
MCH2815D INTERPOINT-MCH2815D Datasheet
167Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MCH2815D/883 INTERPOINT-MCH2815D/883 Datasheet
167Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MCH2815D/883 INTERPOINT-MCH2815D/883 Datasheet
344Kb / 13P
   MCH/MGH Single and Dual DC-DC Converters 28 Volt input ??1.5 Watt
More results

Mô tả tương tự - MCH2815D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Interpoint Corporation ...
MCH2805S INTERPOINT-MCH2805S_13 Datasheet
344Kb / 13P
   MCH/MGH Single and Dual DC-DC Converters 28 Volt input ??1.5 Watt
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
   SMFLHP Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SLH28 INTERPOINT-SLH28 Datasheet
418Kb / 12P
   SLH Single and Dual DC-DC Converters
logo
Crane Aerospace & Elect...
SMSA283R3SKR CRANE-SMSA283R3SKR Datasheet
646Kb / 14P
   SMSA Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MHP270 INTERPOINT-MHP270_11 Datasheet
720Kb / 10P
   MHP270 Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
MFLHP2805S CRANE-MFLHP2805S Datasheet
169Kb / 11P
   MFLHP Single and Dual DC/DC Converters
SLH2805S CRANE-SLH2805S Datasheet
548Kb / 10P
   SLH Single and Dual DC/DC Converters
SMFL283R3S CRANE-SMFL283R3S Datasheet
483Kb / 13P
   SMFL Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SMFLHP283R3S INTERPOINT-SMFLHP283R3S_16 Datasheet
313Kb / 15P
   SMFLHP Single and Dual DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com