công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCH2815D bảng dữ liệu(PDF) 7 Page - Crane Aerospace & Electronics.

tên linh kiện MCH2815D
Giải thích chi tiết về linh kiện  MCH/MGH Single and Dual DC/DC Converters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CRANE [Crane Aerospace & Electronics.]
Trang chủ  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MCH2815D bảng dữ liệu(HTML) 7 Page - Crane Aerospace & Electronics.

Back Button MCH2815D Datasheet HTML 3Page - Crane Aerospace & Electronics. MCH2815D Datasheet HTML 4Page - Crane Aerospace & Electronics. MCH2815D Datasheet HTML 5Page - Crane Aerospace & Electronics. MCH2815D Datasheet HTML 6Page - Crane Aerospace & Electronics. MCH2815D Datasheet HTML 7Page - Crane Aerospace & Electronics. MCH2815D Datasheet HTML 8Page - Crane Aerospace & Electronics. MCH2815D Datasheet HTML 9Page - Crane Aerospace & Electronics. MCH2815D Datasheet HTML 10Page - Crane Aerospace & Electronics. MCH2815D Datasheet HTML 11Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
MCH/MGH Single and Dual DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 7 of 18
Rev E - 20060508
www.craneae.com
28 VOLT INPUT – 1.5 WATT
MCH SINGLE OUTPUT MODELS
MCH2805S
MCH2812S
MCH2815S
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
2
Tc = 25°C
4.95
5
5.05 11.88
12
12.12 14.85
15
15.15
VDC
Tc = –55°C TO +125°C
4.80
5
5.20 11.52
12
12.48 14.40
15
15.60
OUTPUT CURRENT
V
IN
= 12 to 50 VDC
300
125
100
mA
OUTPUT POWER
V
IN
= 12 TO 50 VDC
0
1.5
0
1.5
0
1.5
W
OUTPUT RIPPLE
10 kHz - 2 MHz
45
150
50
200
35
150
mV p-p
VOLTAGE
Tc = –55°C TO +125°C
65
300
70
300
50
250
LINE REGULATION
V
IN
= 12 TO 50 VDC
35
120
60
250
70
350
mV
Tc = –55°C TO +125°C
40
120
70
250
80
350
LOAD REGULATION
10% TO FULL LOAD
350
800
600
1400
700
1600
Tc = –55°C TO +125°C
380
800
640
1400
760
1600
mV
50% TO FULL
1
100
200
145
300
165
350
Tc = –55°C TO +125°C
115
300
160
400
185
450
INPUT VOLTAGE
CONTINUOUS
12
28
50
12
28
50
12
28
50
VDC
NO LOAD TO FULL
TRANSIENT
1 120 ms
0
80
0
80
0
70
V
INPUT CURRENT
NO LOAD
5.5
11
6.0
12
6.0
12
Tc = –55°C TO +125°C
6.0
11
6.5
12
6.5
12
mA
INHIBITED
2.3
3.5
2.3
3.5
2.3
3.5
Tc = –55°C TO +125°C
2.4
3.5
2.4
3.5
2.4
3.5
INPUT RIPPLE
10k Hz - 10 MHz
100
200
100
200
100
200
mA p-p
CURRENT
3
Tc = –55°C TO +125°C
130
250
150
250
150
250
EFFICIENCY
Tc = 25°C
72
77
74
79
74
79
%
Tc = –55°C TO +125°C
69
75
72
77
72
77
LOAD FAULT
4,5
POWER DISSIPATION
1.3
2.0
2.0
3.2
2.3
3.7
W
Tc = –55°C TO +125°C
1.4
2.3
2.2
3.5
2.5
4.0
RECOVERY
1
3.0
15
3.5
20
4.0
20
ms
Tc = -–55°C TO +125°C
3.5
15
3.5
20
4.0
20
STEP LOAD
50 %–100%– 50% LOAD
RESPONSE
6
TRANSIENT
–500
185
500
–700
350
700
–700
350
700
mV pk
Tc = –55°C TO +125°C
–500
185
500
–800
380
800
–800
380
800
RECOVERY
125
500
130
500
140
600
μs
Tc =–55°C TO +125°C
125
600
130
600
180
750
STEP LINE
12 TO 50 TO 12 V
IN
RESPONSE
6
TRANSIENT
1
–500
170
500 –1000 400
1000 –850
400
850
mV pk
Tc = –55°C TO +125°C
–500
180
500 –1000 400
1000 –850
450
850
RECOVERY
1
0.75
4.0
0.6
3.0
0.47
2.5
ms
Tc = –55°C TO +125°C
0.75
4.0
0.6
3.0
0.5
2.5
START-UP
DELAY
7
40
7
40
7
40
ms
Tc = –55°C TO +125°C
10
40
10
40
10
40
OVERSHOOT
1
0
150
0
350
0
450
mV pk
Tc = –55°C TO +125°C
0
150
0
350
0
450
CAPACITIVE LOAD
1
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
Notes:
1. Guaranteed by design, not tested.
2. Specified at 50% total P
out
.
3. Lin = 2 μH.
4. Maximum duration of short circuit: 25°C-– 90 seconds, 125°C – 30 seconds.
5. Load fault is a short circuit (<50 mohms). Recovery is into resistive full load.
6. Transition ≥ 10 μs. Recovery = time to settle to within 1% of Vout final value.
7. Max. spec indicates 80% of the converter’s total power, available from either
output.


Số phần tương tự - MCH2815D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Interpoint Corporation ...
MCH2815D INTERPOINT-MCH2815D Datasheet
167Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MCH2815D/883 INTERPOINT-MCH2815D/883 Datasheet
167Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MCH2815D/883 INTERPOINT-MCH2815D/883 Datasheet
344Kb / 13P
   MCH/MGH Single and Dual DC-DC Converters 28 Volt input ??1.5 Watt
More results

Mô tả tương tự - MCH2815D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Interpoint Corporation ...
MCH2805S INTERPOINT-MCH2805S_13 Datasheet
344Kb / 13P
   MCH/MGH Single and Dual DC-DC Converters 28 Volt input ??1.5 Watt
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
   SMFLHP Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SLH28 INTERPOINT-SLH28 Datasheet
418Kb / 12P
   SLH Single and Dual DC-DC Converters
logo
Crane Aerospace & Elect...
SMSA283R3SKR CRANE-SMSA283R3SKR Datasheet
646Kb / 14P
   SMSA Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MHP270 INTERPOINT-MHP270_11 Datasheet
720Kb / 10P
   MHP270 Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
MFLHP2805S CRANE-MFLHP2805S Datasheet
169Kb / 11P
   MFLHP Single and Dual DC/DC Converters
SLH2805S CRANE-SLH2805S Datasheet
548Kb / 10P
   SLH Single and Dual DC/DC Converters
SMFL283R3S CRANE-SMFL283R3S Datasheet
483Kb / 13P
   SMFL Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SMFLHP283R3S INTERPOINT-SMFLHP283R3S_16 Datasheet
313Kb / 15P
   SMFLHP Single and Dual DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com