công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCH2805S bảng dữ liệu(PDF) 3 Page - Crane Aerospace & Electronics.

tên linh kiện MCH2805S
Giải thích chi tiết về linh kiện  MCH/MGH Single and Dual DC/DC Converters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CRANE [Crane Aerospace & Electronics.]
Trang chủ  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MCH2805S bảng dữ liệu(HTML) 3 Page - Crane Aerospace & Electronics.

  MCH2805S Datasheet HTML 1Page - Crane Aerospace & Electronics. MCH2805S Datasheet HTML 2Page - Crane Aerospace & Electronics. MCH2805S Datasheet HTML 3Page - Crane Aerospace & Electronics. MCH2805S Datasheet HTML 4Page - Crane Aerospace & Electronics. MCH2805S Datasheet HTML 5Page - Crane Aerospace & Electronics. MCH2805S Datasheet HTML 6Page - Crane Aerospace & Electronics. MCH2805S Datasheet HTML 7Page - Crane Aerospace & Electronics. MCH2805S Datasheet HTML 8Page - Crane Aerospace & Electronics. MCH2805S Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MCH/MGH Single and Dual DC/DC Converters
Page 3 of 18
Rev E - 20060508
28 VOLT INPUT – 1.5 WATT
Crane Aerospace & Electronics Power Solutions
www.craneae.com
OPERATING CONDITIONS AND CHARACTERISTICS
Input Voltage Range
• 12 to 50 VDC continuous
• 80 V for 120 msec transient
(70 V for 15 V single and dual models)
Output Power
• 1.5 W
Capacitive Load
• 200 μF single output models
• 100 μF each output, dual output models
Lead Soldering Temperature
• Reflow 220°C 30 sec. max
SN60, 62 or 63 recommended solder
• Hand solder 300°C 10 sec. max per lead
Storage Temperature Range (Case)
• –65°C to +150°C
Case Operating Temperature (Tc)
• –55°C to +125°C full power
• –55°C to +135°C absolute
Derating Output Power/Current (Tc)
• Linearly from 100% at 125°C to 0% at 135°C
Output Voltage Temperature Coefficient
• 100 ppm/°C typical
Input to Output Capacitance
• 100 to 170 pF typical
Current Limit
• 125% of full load typical
Isolation
• 100 megohm minimum at 500 V
Audio Rejection
• 40 dB typical
Conversion Frequency (kHz)
• 25°C
300 min, 370 typ, 450 max
• –55°C to +125°C
270 min, 370 typ, 470 max
Inhibit Pin Voltage (unit enabled)
• 7 to 12 V
Undervoltage Lockout
• 8 V input typical
INHIBIT
Inhibit – TTL Open Collector
• Logic low (output disabled)
Logic low voltage ≤0.8 V
Inhibit pin current 1 mA max
• Referenced to input common
• Logic high (output enabled) open collector
MECHANICAL AND ENVIRONMENTAL
Size (maximum)
MCH models 0.980 x 0.805 x 0.270 inches (24.89 x 20.45 x 6.86 mm)
See case A2 for dimensions.
MGH models 1.010 x 0.880 x 0.250 inches (25.65 x 22.35 x 6.35 mm)
Shown on page one with “gull wing” lead option, also available with
straight leads. See case B for dimensions and options.
Weight (maximum)
12 grams typical
Screening
Standard, ES, or 883 (Class H, QML). See “883, Class H, QML Products –
Element Evaluation” and “883, Class H, QML Products – Environmental
Screening” for more information.
+
POSITIVE
INPUT
INHIBIT
FB
SHUTDOWN
PWM
CONTROLLER
INPUT
COMMON
+VIN
+VOUT
+
+
DUAL MODELS ONLY
NEGATIVE
OUTPUT
OUTPUT
COMMON
POSITIVE
OUTPUT
3
4
6
1
7
2
0.47 μF
typical
FIGURE 2: MCH BLOCK DIAGRAM


Số phần tương tự - MCH2805S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Interpoint Corporation ...
MCH2805S INTERPOINT-MCH2805S Datasheet
167Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MCH2805S/883 INTERPOINT-MCH2805S/883 Datasheet
167Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MCH2805S/883 INTERPOINT-MCH2805S/883 Datasheet
344Kb / 13P
   MCH/MGH Single and Dual DC-DC Converters 28 Volt input ??1.5 Watt
MCH2805S INTERPOINT-MCH2805S_13 Datasheet
344Kb / 13P
   MCH/MGH Single and Dual DC-DC Converters 28 Volt input ??1.5 Watt
More results

Mô tả tương tự - MCH2805S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Interpoint Corporation ...
MCH2805S INTERPOINT-MCH2805S_13 Datasheet
344Kb / 13P
   MCH/MGH Single and Dual DC-DC Converters 28 Volt input ??1.5 Watt
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
   SMFLHP Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SLH28 INTERPOINT-SLH28 Datasheet
418Kb / 12P
   SLH Single and Dual DC-DC Converters
logo
Crane Aerospace & Elect...
SMSA283R3SKR CRANE-SMSA283R3SKR Datasheet
646Kb / 14P
   SMSA Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MHP270 INTERPOINT-MHP270_11 Datasheet
720Kb / 10P
   MHP270 Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
MFLHP2805S CRANE-MFLHP2805S Datasheet
169Kb / 11P
   MFLHP Single and Dual DC/DC Converters
SLH2805S CRANE-SLH2805S Datasheet
548Kb / 10P
   SLH Single and Dual DC/DC Converters
SMFL283R3S CRANE-SMFL283R3S Datasheet
483Kb / 13P
   SMFL Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
SMFLHP283R3S INTERPOINT-SMFLHP283R3S_16 Datasheet
313Kb / 15P
   SMFLHP Single and Dual DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com