công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD4555BE bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện CD4555BE
Giải thích chi tiết về linh kiện  CMOS DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

CD4555BE bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button CD4555BE Datasheet HTML 2Page - Texas Instruments CD4555BE Datasheet HTML 3Page - Texas Instruments CD4555BE Datasheet HTML 4Page - Texas Instruments CD4555BE Datasheet HTML 5Page - Texas Instruments CD4555BE Datasheet HTML 6Page - Texas Instruments CD4555BE Datasheet HTML 7Page - Texas Instruments CD4555BE Datasheet HTML 8Page - Texas Instruments CD4555BE Datasheet HTML 9Page - Texas Instruments CD4555BE Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
7704701EA
ACTIVE
CDIP
J
16
1
None
Call TI
Level-NC-NC-NC
7704801EA
ACTIVE
CDIP
J
16
1
None
Call TI
Level-NC-NC-NC
CD4555BE
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
CD4555BF3A
ACTIVE
CDIP
J
16
1
None
Call TI
Level-NC-NC-NC
CD4555BM
ACTIVE
SOIC
D
16
40
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD4555BM96
ACTIVE
SOIC
D
16
2500
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD4555BMT
ACTIVE
SOIC
D
16
250
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD4555BNSR
ACTIVE
SO
NS
16
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD4555BPW
ACTIVE
TSSOP
PW
16
90
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
CD4555BPWR
ACTIVE
TSSOP
PW
16
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
CD4556BE
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
CD4556BF
ACTIVE
CDIP
J
16
1
None
Call TI
Level-NC-NC-NC
CD4556BF3A
ACTIVE
CDIP
J
16
1
None
Call TI
Level-NC-NC-NC
CD4556BM
ACTIVE
SOIC
D
16
40
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD4556BM96
ACTIVE
SOIC
D
16
2500
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD4556BMT
ACTIVE
SOIC
D
16
250
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens,
including bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
PACKAGE OPTION ADDENDUM
www.ti.com
28-Feb-2005
Addendum-Page 1


Số phần tương tự - CD4555BE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CD4555BE TI1-CD4555BE Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Dual Binary to 1 of 4 Decoder/Demultiplexers
CD4555BE TI1-CD4555BE Datasheet
1Mb / 18P
[Old version datasheet]   Cmos Dual Binary to 1 of 4 Decoder/Demultiplexers
CD4555BEE4 TI1-CD4555BEE4 Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Dual Binary to 1 of 4 Decoder/Demultiplexers
CD4555BEE4 TI1-CD4555BEE4 Datasheet
1Mb / 18P
[Old version datasheet]   Cmos Dual Binary to 1 of 4 Decoder/Demultiplexers
More results

Mô tả tương tự - CD4555BE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CD4555B TI1-CD4555B_15 Datasheet
1Mb / 18P
[Old version datasheet]   Cmos Dual Binary to 1 of 4 Decoder/Demultiplexers
CD4555BPWRG4 TI1-CD4555BPWRG4 Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Dual Binary to 1 of 4 Decoder/Demultiplexers
logo
Intersil Corporation
CD4555BMS INTERSIL-CD4555BMS Datasheet
96Kb / 11P
   CMOS Dual Binary to 1 of 4 Decoder/Demultiplexers
December 1992
logo
STMicroelectronics
HCC4555B STMICROELECTRONICS-HCC4555B Datasheet
316Kb / 14P
   DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXERS
logo
Renesas Technology Corp
CD4555BMS RENESAS-CD4555BMS Datasheet
412Kb / 11P
   CMOS Dual Binary to 1 of 4Decoder/Demultiplexers
December 1992
logo
Motorola, Inc
MC14555B MOTOROLA-MC14555B Datasheet
164Kb / 5P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
logo
ON Semiconductor
MC14555B ONSEMI-MC14555B Datasheet
142Kb / 8P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
March, 2000 ??Rev. 3
logo
Hitachi Semiconductor
HD14555B HITACHI-HD14555B Datasheet
63Kb / 4P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
logo
ON Semiconductor
MC14555B ONSEMI-MC14555B_14 Datasheet
110Kb / 6P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
July, 2014 ??Rev. 11
MC10171 ONSEMI-MC10171 Datasheet
110Kb / 5P
   Dual Binary to 1-4 Decoder(Low)
1996 REV 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com