công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD4543BM96 bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện CD4543BM96
Giải thích chi tiết về linh kiện  CMOS BCD-TO-SEVEN-SEGMENT LATCH/DECODER/DRIVER FOR LIQUID-CRYSTAL DISPLAYS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

CD4543BM96 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button CD4543BM96 Datasheet HTML 3Page - Texas Instruments CD4543BM96 Datasheet HTML 4Page - Texas Instruments CD4543BM96 Datasheet HTML 5Page - Texas Instruments CD4543BM96 Datasheet HTML 6Page - Texas Instruments CD4543BM96 Datasheet HTML 7Page - Texas Instruments CD4543BM96 Datasheet HTML 8Page - Texas Instruments CD4543BM96 Datasheet HTML 9Page - Texas Instruments CD4543BM96 Datasheet HTML 10Page - Texas Instruments CD4543BM96 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
CD4543BE
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
CD4543BEE4
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
CD4543BM
ACTIVE
SOIC
D
16
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4543BM96
ACTIVE
SOIC
D
16
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4543BM96E4
ACTIVE
SOIC
D
16
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4543BME4
ACTIVE
SOIC
D
16
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4543BMT
ACTIVE
SOIC
D
16
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4543BMTE4
ACTIVE
SOIC
D
16
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4543BNSR
ACTIVE
SO
NS
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4543BNSRE4
ACTIVE
SO
NS
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4543BPW
ACTIVE
TSSOP
PW
16
90
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4543BPWE4
ACTIVE
TSSOP
PW
16
90
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4543BPWR
ACTIVE
TSSOP
PW
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4543BPWRE4
ACTIVE
TSSOP
PW
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
PACKAGE OPTION ADDENDUM
www.ti.com
17-Oct-2005
Addendum-Page 1


Số phần tương tự - CD4543BM96

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CD4543BM96 TI1-CD4543BM96 Datasheet
1Mb / 17P
[Old version datasheet]   Cmos BCD-to-Seven-Segment Lactch
CD4543BM96G4 TI1-CD4543BM96G4 Datasheet
1Mb / 17P
[Old version datasheet]   Cmos BCD-to-Seven-Segment Lactch
More results

Mô tả tương tự - CD4543BM96

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14543B ONSEMI-MC14543B_14 Datasheet
125Kb / 8P
   BCD-to-Seven Segment Latch/Decoder/Driver for Liquid Crystals
July, 2014 ??Rev. 10
MC14543B ONSEMI-MC14543B Datasheet
201Kb / 8P
   BCD-to-Seven Segment Latch/Decoder/Driver for Liquid Crystals
March, 2000 ??Rev. 3
logo
List of Unclassifed Man...
SCL4511B ETC1-SCL4511B Datasheet
453Kb / 2P
   CMOS BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
LSI Computer Systems
LS7100 LSI-LS7100 Datasheet
436Kb / 4P
   BCD TO 7-SEGMENT LATCH/DECODER/DRIVER for liquid crystal(dynamic scattering)displays
logo
Hitachi Semiconductor
HD14511B HITACHI-HD14511B Datasheet
98Kb / 6P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4543P RENESAS-HD74HC4543P Datasheet
118Kb / 9P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Unisonic Technologies
MC14511 UTC-MC14511_18 Datasheet
236Kb / 8P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
STMicroelectronics
HCF4511B STMICROELECTRONICS-HCF4511B Datasheet
498Kb / 13P
   BCD TO SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
Hitachi Semiconductor
HD74HC4543 HITACHI-HD74HC4543 Datasheet
68Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4511 RENESAS-HD74HC4511 Datasheet
107Kb / 8P
   BCD-to-Seven Segment Latch/Decoder/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com