công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD4098BE bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện CD4098BE
Giải thích chi tiết về linh kiện  CMOS DUAL MONASTABLE MULTIVIBRATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

CD4098BE bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button CD4098BE Datasheet HTML 2Page - Texas Instruments CD4098BE Datasheet HTML 3Page - Texas Instruments CD4098BE Datasheet HTML 4Page - Texas Instruments CD4098BE Datasheet HTML 5Page - Texas Instruments CD4098BE Datasheet HTML 6Page - Texas Instruments CD4098BE Datasheet HTML 7Page - Texas Instruments CD4098BE Datasheet HTML 8Page - Texas Instruments CD4098BE Datasheet HTML 9Page - Texas Instruments CD4098BE Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
CD4098BE
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
CD4098BF
ACTIVE
CDIP
J
16
1
None
Call TI
Level-NC-NC-NC
CD4098BF3A
ACTIVE
CDIP
J
16
1
None
Call TI
Level-NC-NC-NC
CD4098BFB
ACTIVE
CDIP
J
16
1
None
Call TI
Level-NC-NC-NC
CD4098BM
ACTIVE
SOIC
D
16
40
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD4098BM96
ACTIVE
SOIC
D
16
2500
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD4098BMT
ACTIVE
SOIC
D
16
250
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD4098BPW
ACTIVE
TSSOP
PW
16
90
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
CD4098BPWR
ACTIVE
TSSOP
PW
16
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
JM38510/17504BEA
ACTIVE
CDIP
J
16
1
None
Call TI
Level-NC-NC-NC
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens,
including bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
28-Feb-2005
Addendum-Page 1


Số phần tương tự - CD4098BE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
CD4098BE TI1-CD4098BE Datasheet
948Kb / 16P
[Old version datasheet]   CMOS Dual Monostable Multivibrator
CD4098BEE4 TI1-CD4098BEE4 Datasheet
948Kb / 16P
[Old version datasheet]   CMOS Dual Monostable Multivibrator
More results

Mô tả tương tự - CD4098BE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
CD4098BMS RENESAS-CD4098BMS Datasheet
410Kb / 11P
   CMOS Dual Monostable Multivibrator
December 1992
logo
Intersil Corporation
CD4098BMS INTERSIL-CD4098BMS Datasheet
105Kb / 11P
   CMOS Dual Monostable Multivibrator
December 1992
logo
Texas Instruments
CD4098B TI1-CD4098B_15 Datasheet
948Kb / 16P
[Old version datasheet]   CMOS Dual Monostable Multivibrator
logo
Renesas Technology Corp
CD14538BMS RENESAS-CD14538BMS Datasheet
577Kb / 10P
   CMOS Dual Precision Monostable Multivibrator
November 1994
logo
Texas Instruments
CD14538B TI1-CD14538B Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Dual Precision Monostable Multivibrator
CD14538BM96G4 TI1-CD14538BM96G4 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS Dual Precision Monostable Multivibrator
logo
Intersil Corporation
CD14538BMS INTERSIL-CD14538BMS Datasheet
76Kb / 9P
   CMOS Dual Precision Monostable Multivibrator
November 1994
logo
Texas Instruments
CD14538 TI-CD14538 Datasheet
638Kb / 14P
[Old version datasheet]   CMOS DUAL PRECISION MONOSTABLE MULTIVIBRATOR
CD14538B TI-CD14538B Datasheet
341Kb / 8P
[Old version datasheet]   CMOS Dual Precision Monostable Multivibrator
logo
IK Semicon Co., Ltd
IW4528B IKSEMICON-IW4528B Datasheet
220Kb / 6P
   Dual Monostable Multivibrator High-Voltage Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com