công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08LG32 bảng dữ liệu(PDF) 2 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08LG32
Giải thích chi tiết về linh kiện  Covers: MC9S08LG32 and MC9S08LG16
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08LG32 bảng dữ liệu(HTML) 2 Page - Freescale Semiconductor, Inc

  MC9S08LG32 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08LG32 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08LG32 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08LG32 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08LG32 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08LG32 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08LG32 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08LG32 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08LG32 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
MC9S08LG32 Series Data Sheet, Rev. 4
Freescale Semiconductor
2
Table of Contents
1
Pin Assignments . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4
2
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . .10
2.1
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10
2.2
Parameter Classification . . . . . . . . . . . . . . . . . . . . . . . .10
2.3
Absolute Maximum Ratings . . . . . . . . . . . . . . . . . . . . .10
2.4
Thermal Characteristics . . . . . . . . . . . . . . . . . . . . . . . .11
2.5
ESD Protection and Latch-Up Immunity . . . . . . . . . . . .12
2.6
DC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . .13
2.7
Supply Current Characteristics . . . . . . . . . . . . . . . . . . .17
2.8
External Oscillator (XOSC) Characteristics . . . . . . . . .22
2.9
Internal Clock Source (ICS) Characteristics . . . . . . . . .24
2.10 ADC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . .25
2.11 AC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . .29
2.11.1 Control Timing . . . . . . . . . . . . . . . . . . . . . . . . . .29
2.11.2 TPM Module Timing . . . . . . . . . . . . . . . . . . . . .30
2.11.3 SPI Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . .31
2.12 LCD Specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . .34
2.13 Flash Specifications . . . . . . . . . . . . . . . . . . . . . . . . . . .34
2.14 EMC Performance. . . . . . . . . . . . . . . . . . . . . . . . . . . . .35
2.14.1 Radiated Emissions . . . . . . . . . . . . . . . . . . . . . .35
2.14.2 Conducted Transient Susceptibility . . . . . . . . . .35
3
Ordering Information. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .36
3.1
Device Numbering System . . . . . . . . . . . . . . . . . . . . . .37
4
Package Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .37
4.1
Mechanical Drawings . . . . . . . . . . . . . . . . . . . . . . . . . .37
4.1.1
80-pin LQFP . . . . . . . . . . . . . . . . . . . . . . . . . . .38
4.1.2
64-pin LQFP . . . . . . . . . . . . . . . . . . . . . . . . . . .41
4.1.3
48-pin LQFP . . . . . . . . . . . . . . . . . . . . . . . . . . .44
5
Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .46
List of Figures
Figure 1. MC9S08LG32 Series Block Diagram . . . . . . . . . . . . . . 3
Figure 2. 80-Pin LQFP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 3. 64-Pin LQFP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 4. 48-Pin LQFP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 5. Typical Low-side Drive (sink) characteristics – High Drive
(PTxDSn = 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 6. Typical Low-side Drive (sink) characteristics – Low Drive
(PTxDSn = 0) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 7. Typical High-side Drive (source) characteristics – High
Drive (PTxDSn = 1). . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 8. Typical High-side Drive (source) characteristics – Low Drive
(PTxDSn = 0) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 9. Typical Run IDD for FBE Mode at 1 MHz. . . . . . . . . . . 19
Figure 10.Typical Run IDD for FBE Mode at 20 MHz . . . . . . . . . 20
Figure 11.Typical Run IDD for FEE Mode at 1 MHz . . . . . . . . . . 20
Figure 12.Typical Run IDD for FEE Mode at 20 MHz . . . . . . . . . 21
Figure 13.Typical Stop2 IDD. . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 14.Typical Stop3 IDD. . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 15.Typical Crystal or Resonator Circuit: High Range and Low
Range/High Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 16.Typical Crystal or Resonator Circuit: Low Range/Low
Power. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 17.Internal Oscillator Deviation from Trimmed Frequency 25
Figure 18.ADC Input Impedance Equivalency Diagram. . . . . . . 26
Figure 19.Reset Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 20.IRQ/KBIPx Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 21.Timer External Clock . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 22.Timer Input Capture Pulse . . . . . . . . . . . . . . . . . . . . . 30
Figure 23.SPI Master Timing (CPHA = 0) . . . . . . . . . . . . . . . . . 32
Figure 24.SPI Master Timing (CPHA =1) . . . . . . . . . . . . . . . . . . 32
Figure 25.SPI Slave Timing (CPHA = 0) . . . . . . . . . . . . . . . . . . 33
Figure 26.SPI Slave Timing (CPHA = 1) . . . . . . . . . . . . . . . . . . 33
Figure 27.Device Number Example for IMM parts . . . . . . . . . . . 37
Figure 28.80-pin
LQFP
Package
Drawing (Case 917A, Doc
#98ASS23237W). . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Figure 29.64-pin
LQFP
Package
Drawing
(Case
840F,
Doc
#98ASS23234W). . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
Figure 30.48-pin
LQFP
Package
Drawing
(Case
932,
Doc
#98ASH00962A) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
List of Tables
Table 1. MC9S08LG32 Series Features by MCU and Package . 4
Table 2. Pin Availability by Package Pin-Count . . . . . . . . . . . . . . 8
Table 3. Parameter Classifications . . . . . . . . . . . . . . . . . . . . . . 10
Table 4. Absolute Maximum Ratings . . . . . . . . . . . . . . . . . . . . . 11
Table 5. Thermal Characteristics. . . . . . . . . . . . . . . . . . . . . . . . 11
Table 6. ESD and Latch-Up Test Conditions . . . . . . . . . . . . . . . 12
Table 7. ESD and Latch-Up Protection Characteristics. . . . . . . 13
Table 8. DC Characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Table 9. Supply Current Characteristics. . . . . . . . . . . . . . . . . . 17
Table 10.Oscillator Electrical Specifications (Temperature Range =
–40
°C to 105 °C Ambient) . . . . . . . . . . . . . . . . . . . . . 22
Table 11.ICS Frequency Specifications (Temperature Range =
–40
°C to 105 °C Ambient) . . . . . . . . . . . . . . . . . . . . . 24
Table 12.12-bit ADC Operating Conditions . . . . . . . . . . . . . . . . 25
Table 13.12-bit ADC Characteristics (VREFH = VDDAD, VREFL =
VSSAD) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Table 14.Control Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Table 15.TPM Input Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Table 16.SPI Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Table 17.LCD Electricals, 3 V Glass . . . . . . . . . . . . . . . . . . . . . 34
Table 18.Flash Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Table 19.Radiated Emissions, Electric Field . . . . . . . . . . . . . . . 35
Table 20.Conducted Susceptibility, EFT/B . . . . . . . . . . . . . . . . . 35
Table 21.Susceptibility Performance Classification . . . . . . . . . . 36
Table 22.Device Numbering System . . . . . . . . . . . . . . . . . . . . . 36
Table 23.Package Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . 37
Table 24.Revision History. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
Preliminary - Subject to Change Without Notice


Số phần tương tự - MC9S08LG32

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08LG32 FREESCALE-MC9S08LG32 Datasheet
3Mb / 50P
   8-bit HCS08 Central Processor Unit (CPU)
MC9S08LG32CLF FREESCALE-MC9S08LG32CLF Datasheet
3Mb / 50P
   8-bit HCS08 Central Processor Unit (CPU)
MC9S08LG32CLH FREESCALE-MC9S08LG32CLH Datasheet
3Mb / 50P
   8-bit HCS08 Central Processor Unit (CPU)
MC9S08LG32CLK FREESCALE-MC9S08LG32CLK Datasheet
3Mb / 50P
   8-bit HCS08 Central Processor Unit (CPU)
MC9S08LG32 FREESCALE-MC9S08LG32_09 Datasheet
3Mb / 50P
   8-bit HCS08 Central Processor Unit (CPU)
More results

Mô tả tương tự - MC9S08LG32

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC9S08JE128 FREESCALE-MC9S08JE128 Datasheet
1,015Kb / 44P
   Covers: MC9S08JE128 and MC9S08JE64
logo
List of Unclassifed Man...
400-5053 ETC2-400-5053 Datasheet
117Kb / 2P
   Case and Optional Covers
logo
Freescale Semiconductor...
MC9S08GW64 FREESCALE-MC9S08GW64 Datasheet
839Kb / 38P
   Covers: MC9S08GW64 and MC9S08GW32
logo
EDAC, All Rights Reserv...
COVERS-SERIES EDAC-COVERS-SERIES Datasheet
255Kb / 1P
   Covers Series Rack and Panel Connector Covers | For 516 and 519 Series
logo
Glenair, Inc.
189-047 GLENAIR-189-047 Datasheet
168Kb / 2P
   Plug and Receptacle Protective Covers
logo
Freescale Semiconductor...
631441 FREESCALE-631441 Datasheet
7Mb / 1348P
   Covers S12XD, S12XB and S12XA Families
logo
List of Unclassifed Man...
D01294 ETC2-D01294 Datasheet
4Mb / 4P
   Hexagon Nut And Screw Head Covers
logo
Littelfuse
LD1400-1 LITTELFUSE-LD1400-1 Datasheet
609Kb / 7P
   POWR-BLOKS Distribution/Splicer Blocks and Covers
logo
Glenair, Inc.
M28840-13HAW GLENAIR-M28840-13HAW Datasheet
79Kb / 1P
   Protective Covers
660-004M20S6 GLENAIR-660-004M20S6 Datasheet
57Kb / 2P
   Protective Covers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com