công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM26C32IPWE4 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện AM26C32IPWE4
Giải thích chi tiết về linh kiện  QUADRUPLE DIFFERENTIAL LINE RECEIVERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AM26C32IPWE4 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  AM26C32IPWE4 Datasheet HTML 1Page - Texas Instruments AM26C32IPWE4 Datasheet HTML 2Page - Texas Instruments AM26C32IPWE4 Datasheet HTML 3Page - Texas Instruments AM26C32IPWE4 Datasheet HTML 4Page - Texas Instruments AM26C32IPWE4 Datasheet HTML 5Page - Texas Instruments AM26C32IPWE4 Datasheet HTML 6Page - Texas Instruments AM26C32IPWE4 Datasheet HTML 7Page - Texas Instruments AM26C32IPWE4 Datasheet HTML 8Page - Texas Instruments AM26C32IPWE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AM26C32
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SLLS104I − DECEMBER 1990 − REVISED SEPTEMBER 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Meets or Exceeds the Requirements of
ANSI TIA/EIA-422-B, TIA/EIA-423-B, and ITU
Recommendation V.10 and V.11
D Low Power, ICC = 10 mA Typ
D ±7-V Common-Mode Range With ±200-mV
Sensitivity
D Input Hysteresis . . . 60 mV Typ
D tpd = 17 ns Typ
D Operates From a Single 5-V Supply
D 3-State Outputs
D Input Fail-Safe Circuitry
D Improved Replacements for AM26LS32
D Available in Q-Temp Automotive
− High Reliability Automotive Applications
− Configuration Control/Print Support
− Qualification to Automotive Standards
description/ordering information
The AM26C32 is a quadruple differential line
receiver for balanced or unbalanced digital data
transmission. The enable function is common to
all four receivers and offers a choice of active-high
or active-low input. The 3-state outputs permit
connection directly to a bus-organized system.
Fail-safe design specifies that if the inputs are
open, the outputs always are high.
The AM26C32 devices are manufactured using a BiCMOS process, which is a combination of bipolar and
CMOS transistors. This process provides the high voltage and current of bipolar with the low power of CMOS
to reduce the power consumption to about one-fifth that of the standard AM26LS32, while maintaining ac and
dc performance.
The AM26C32C is characterized for operation from 0
°C to 70°C. The AM26C32I is characterized for operation
from −40
°C to 85°C. The AM26C32Q is characterized for operation from −40°C to 125°C. The AM26C32M is
characterized for operation over the full military temperature range of −55
°C to 125°C.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1Y
G
2Y
2A
2B
GND
VCC
4B
4A
4Y
G
3Y
3A
3B
AM26C32C ... D, N, OR NS PACKAGE
AM26C32I ... D, N, NS, OR PW PACKAGE
AM26C32Q ...D PACKAGE
AM26C32M ...J OR W PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
4Y
NC
G
3Y
1Y
G
NC
2Y
2A
AM26C32M . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Số phần tương tự - AM26C32IPWE4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
AM26C32IPWE4 TI-AM26C32IPWE4 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32IPWE4 TI-AM26C32IPWE4 Datasheet
691Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32IPWE4 TI-AM26C32IPWE4 Datasheet
841Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFRENTIAL LINE RECEIVER
AM26C32IPWE4 TI1-AM26C32IPWE4 Datasheet
1Mb / 30P
[Old version datasheet]   AM26C32 Quadruple Differential Line Receiver
More results

Mô tả tương tự - AM26C32IPWE4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN55ALS195 TI-SN55ALS195 Datasheet
164Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_06 Datasheet
541Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173 TI-SN55173 Datasheet
155Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI1-AM26LS32AC_16 Datasheet
1Mb / 27P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173 TI1-SN55173_15 Datasheet
791Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI-SN65175_06 Datasheet
431Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI-SN65175 Datasheet
152Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI1-SN55ALS195_14 Datasheet
415Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com