công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM26C32IPWE4 bảng dữ liệu(PDF) 8 Page - Texas Instruments

tên linh kiện AM26C32IPWE4
Giải thích chi tiết về linh kiện  QUADRUPLE DIFFERENTIAL LINE RECEIVERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AM26C32IPWE4 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button AM26C32IPWE4 Datasheet HTML 4Page - Texas Instruments AM26C32IPWE4 Datasheet HTML 5Page - Texas Instruments AM26C32IPWE4 Datasheet HTML 6Page - Texas Instruments AM26C32IPWE4 Datasheet HTML 7Page - Texas Instruments AM26C32IPWE4 Datasheet HTML 8Page - Texas Instruments AM26C32IPWE4 Datasheet HTML 9Page - Texas Instruments AM26C32IPWE4 Datasheet HTML 10Page - Texas Instruments AM26C32IPWE4 Datasheet HTML 11Page - Texas Instruments AM26C32IPWE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
9-Aug-2005
Addendum-Page 2


Số phần tương tự - AM26C32IPWE4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
AM26C32IPWE4 TI-AM26C32IPWE4 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32IPWE4 TI-AM26C32IPWE4 Datasheet
691Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32IPWE4 TI-AM26C32IPWE4 Datasheet
841Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFRENTIAL LINE RECEIVER
AM26C32IPWE4 TI1-AM26C32IPWE4 Datasheet
1Mb / 30P
[Old version datasheet]   AM26C32 Quadruple Differential Line Receiver
More results

Mô tả tương tự - AM26C32IPWE4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN55ALS195 TI-SN55ALS195 Datasheet
164Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_06 Datasheet
541Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173 TI-SN55173 Datasheet
155Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI1-AM26LS32AC_16 Datasheet
1Mb / 27P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173 TI1-SN55173_15 Datasheet
791Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI-SN65175_06 Datasheet
431Kb / 16P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI-SN65175 Datasheet
152Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI1-SN55ALS195_14 Datasheet
415Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com