công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STD412S bảng dữ liệu(PDF) 3 Page - SamHop Microelectronics Corp.

tên linh kiện STD412S
Giải thích chi tiết về linh kiện  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SAMHOP [SamHop Microelectronics Corp.]
Trang chủ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STD412S bảng dữ liệu(HTML) 3 Page - SamHop Microelectronics Corp.

  STD412S Datasheet HTML 1Page - SamHop Microelectronics Corp. STD412S Datasheet HTML 2Page - SamHop Microelectronics Corp. STD412S Datasheet HTML 3Page - SamHop Microelectronics Corp. STD412S Datasheet HTML 4Page - SamHop Microelectronics Corp. STD412S Datasheet HTML 5Page - SamHop Microelectronics Corp. STD412S Datasheet HTML 6Page - SamHop Microelectronics Corp. STD412S Datasheet HTML 7Page - SamHop Microelectronics Corp. STD412S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STU/D412S
Ver 1.0
www.samhop.com.tw
Aug,07,2008
3
T j ( °
C )
VDS, Drain-to-Source Voltage(V)
Figure 1. Output Characteristics
VGS, Gate-to-Source Voltage(V)
Figure 2. Transfer Characteristics
ID, Drain Current(A)
Tj, Junction Temperature(° C )
Figure 3. On-Resistance vs. Drain Current
and Gate Voltage
Figure 4. On-Resistance Variation with Drain
Current and Temperature
Tj, Junction Temperature(° C )
Figure 5. Gate Threshold Variation
with Temperature
Tj, Junction Temperature(° C )
Figure 6. Breakdown Voltage Variation
with Temperature
30
24
18
12
6
0
0
0. 5
1
1. 5
2
2. 5
3
VGS=3. 5V
VGS=4. 5V
VGS=4V
VGS=10V
VGS=5V
20
16
12
8
4
0
0
0. 7
1. 4
2. 1
2. 8
3. 5
4. 2
Tj=125C
-55C
25C
60
50
40
30
20
10
1
6
12
18
24
30
1
VGS=10V
VGS=4. 5V
2.0
1.8
1.6
1.4
1.2
1.0
0.0
0
25
50
75
150
100
125
V G S =4.5V
ID=9A
V G S =10V
ID=11A
1. 3
1. 2
1. 1
1. 0
0. 9
0. 8
0. 7
0. 6
-50
-25
0
25
50
75
100
125
150
VDS=VGS
ID=250uA
-50
-25
0
25
50
75
100
125
150
1. 15
1. 10
1. 05
1. 00
0. 95
0. 90
0. 85
ID=250uA


Số phần tương tự - STD412S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Visual Communications C...
STD410BLK VCC-STD410BLK Datasheet
67Kb / 1P
   STD
logo
SamHop Microelectronics...
STD410S SAMHOP-STD410S Datasheet
365Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STD413S SAMHOP-STD413S Datasheet
251Kb / 8P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
STD419S SAMHOP-STD419S Datasheet
379Kb / 8P
   P-Channel Logic Level EnhancementMode Field E ffect Transistor
More results

Mô tả tương tự - STD412S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com