công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STU411D bảng dữ liệu(PDF) 9 Page - SamHop Microelectronics Corp.

tên linh kiện STU411D
Giải thích chi tiết về linh kiện  Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SAMHOP [SamHop Microelectronics Corp.]
Trang chủ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU411D bảng dữ liệu(HTML) 9 Page - SamHop Microelectronics Corp.

Back Button STU411D Datasheet HTML 3Page - SamHop Microelectronics Corp. STU411D Datasheet HTML 4Page - SamHop Microelectronics Corp. STU411D Datasheet HTML 5Page - SamHop Microelectronics Corp. STU411D Datasheet HTML 6Page - SamHop Microelectronics Corp. STU411D Datasheet HTML 7Page - SamHop Microelectronics Corp. STU411D Datasheet HTML 8Page - SamHop Microelectronics Corp. STU411D Datasheet HTML 9Page - SamHop Microelectronics Corp. STU411D Datasheet HTML 10Page - SamHop Microelectronics Corp. STU411D Datasheet HTML 11Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
tp
V( BR )D SS
IAS
R G
IA S
0.0 1
tp
D .U .T
L
V DS
+
-
VD D
D R IVE R
A
15V
20V
F igure 13a.
F igure 13b.
Unc lamped
s
Inductive Te t Circuit
o
f rm
Wave
s
Unc lamped Inductive
STU411D
Ver 1.0
www.samhop.com.tw
Sep,04,2008
9
0.00001
0.0001
0.001
0.01
0.1
10
Square Wave Pulse Duration(sec)
Figure 14. Normalized Thermal Transient Impedance Curve
0.01
0.1
1
2
1
D=0.5
0.2
0.1
0.05
0.02
0.01
S ING LE P ULS E
P DM
t1
t2
1. R JA (t)=r (t) * R JA
2. R JA=S ee Datas heet
3. T JM-T A = P DM* R JA (t)
4. Duty C ycle, D=t1/t2


Số phần tương tự - STU411D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SamHop Microelectronics...
STU410S SAMHOP-STU410S Datasheet
365Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SHENZHEN DOINGTER SEMIC...
STU410S DOINGTER-STU410S Datasheet
635Kb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
SamHop Microelectronics...
STU412S SAMHOP-STU412S Datasheet
249Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU413S SAMHOP-STU413S Datasheet
251Kb / 8P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Foshan Blue Rocket Elec...
STU417S FOSHAN-STU417S Datasheet
826Kb / 6P
   P-CHANNEL MOSFET in a TO-252 Plastic Package
More results

Mô tả tương tự - STU411D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Chino-Excel Technology
CEM7350 CET-CEM7350_08 Datasheet
547Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEU4269 CET-CEU4269_10 Datasheet
590Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEM2030A CET-CEM2030A Datasheet
847Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
logo
SamHop Microelectronics...
STA6611 SAMHOP-STA6611 Datasheet
180Kb / 10P
   Dual Enhancement Mode Field Effect Transistor ( N and P Channel)
STU313D SAMHOP-STU313D Datasheet
247Kb / 11P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
logo
CET-MOS Technology Corp...
CEM23189 CET-MOS-CEM23189 Datasheet
866Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2014.July
CEM6589 CET-MOS-CEM6589 Datasheet
894Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2017.July
logo
Chino-Excel Technology
CEM8958 CET-CEM8958 Datasheet
835Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
CEM9939 CET-CEM9939 Datasheet
754Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
CEM11C2 CET-CEM11C2 Datasheet
59Kb / 9P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEM7350 CET-CEM7350 Datasheet
183Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com