công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STU411D bảng dữ liệu(PDF) 5 Page - SamHop Microelectronics Corp.

tên linh kiện STU411D
Giải thích chi tiết về linh kiện  Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SAMHOP [SamHop Microelectronics Corp.]
Trang chủ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU411D bảng dữ liệu(HTML) 5 Page - SamHop Microelectronics Corp.

  STU411D Datasheet HTML 1Page - SamHop Microelectronics Corp. STU411D Datasheet HTML 2Page - SamHop Microelectronics Corp. STU411D Datasheet HTML 3Page - SamHop Microelectronics Corp. STU411D Datasheet HTML 4Page - SamHop Microelectronics Corp. STU411D Datasheet HTML 5Page - SamHop Microelectronics Corp. STU411D Datasheet HTML 6Page - SamHop Microelectronics Corp. STU411D Datasheet HTML 7Page - SamHop Microelectronics Corp. STU411D Datasheet HTML 8Page - SamHop Microelectronics Corp. STU411D Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
R
DS
(O
N)
Li
m
it
STU411D
Ver 1.0
www.samhop.com.tw
Sep,04,2008
5
VGS, Gate-to-Source Voltage(V)
Figure 7. On-Resistance vs.
Gate-Source Voltage
VSD, Body Diode Forward Voltage(V)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
VDS, Drain-to-Source Voltage(V)
Figure 9. Capacitance
Qg, Total Gate Charge(nC)
Figure 10. Gate Charge
Rg, Gate Resistance(
)
Figure 11. switching characteristics
VDS, Drain-Source Voltage(V)
Figure 12. Maximum Safe Operating Area
56
42
0
2
4
6
8
10
0
ID=15A
28
14
84
70
125 C
25 C
75 C
20.0
10.0
1.0
0
0.4
0.8
1.2
125 C
1.6
2.0
5.0
25 C
75 C
0
5
10
15
20
25
30
1200
1000
800
600
400
200
0
Ciss
Coss
Crss
10
8
6
4
2
0
0
2
4
6
8
10
12
14 16
VDS=20V
ID=15A
10
1
0.1
0.1
100
1
10
100
V GS =10V
S ingle P uls e
T c=25 C
1m
s
10
us
10
0u
s
10
m
s
DC
1
10
100
60
100
10
1
1000
3
VDS=20V,ID=1A
VGS=10V
TD(on)
Tr
TD(off)
Tf


Số phần tương tự - STU411D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SamHop Microelectronics...
STU410S SAMHOP-STU410S Datasheet
365Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SHENZHEN DOINGTER SEMIC...
STU410S DOINGTER-STU410S Datasheet
635Kb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
SamHop Microelectronics...
STU412S SAMHOP-STU412S Datasheet
249Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU413S SAMHOP-STU413S Datasheet
251Kb / 8P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Foshan Blue Rocket Elec...
STU417S FOSHAN-STU417S Datasheet
826Kb / 6P
   P-CHANNEL MOSFET in a TO-252 Plastic Package
More results

Mô tả tương tự - STU411D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Chino-Excel Technology
CEM7350 CET-CEM7350_08 Datasheet
547Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEU4269 CET-CEU4269_10 Datasheet
590Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEM2030A CET-CEM2030A Datasheet
847Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
logo
SamHop Microelectronics...
STA6611 SAMHOP-STA6611 Datasheet
180Kb / 10P
   Dual Enhancement Mode Field Effect Transistor ( N and P Channel)
STU313D SAMHOP-STU313D Datasheet
247Kb / 11P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
logo
CET-MOS Technology Corp...
CEM23189 CET-MOS-CEM23189 Datasheet
866Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2014.July
CEM6589 CET-MOS-CEM6589 Datasheet
894Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2017.July
logo
Chino-Excel Technology
CEM8958 CET-CEM8958 Datasheet
835Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
CEM9939 CET-CEM9939 Datasheet
754Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
CEM11C2 CET-CEM11C2 Datasheet
59Kb / 9P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEM7350 CET-CEM7350 Datasheet
183Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com