công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STA6611 bảng dữ liệu(PDF) 4 Page - SamHop Microelectronics Corp.

tên linh kiện STA6611
Giải thích chi tiết về linh kiện  Dual Enhancement Mode Field Effect Transistor ( N and P Channel)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SAMHOP [SamHop Microelectronics Corp.]
Trang chủ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STA6611 bảng dữ liệu(HTML) 4 Page - SamHop Microelectronics Corp.

  STA6611 Datasheet HTML 1Page - SamHop Microelectronics Corp. STA6611 Datasheet HTML 2Page - SamHop Microelectronics Corp. STA6611 Datasheet HTML 3Page - SamHop Microelectronics Corp. STA6611 Datasheet HTML 4Page - SamHop Microelectronics Corp. STA6611 Datasheet HTML 5Page - SamHop Microelectronics Corp. STA6611 Datasheet HTML 6Page - SamHop Microelectronics Corp. STA6611 Datasheet HTML 7Page - SamHop Microelectronics Corp. STA6611 Datasheet HTML 8Page - SamHop Microelectronics Corp. STA6611 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Figure 1. Output Characteristics
Figure 2. Transfer Characteristics
VGS, Gate-to-Source Voltage (V)
VDS, Drain-to-Source Voltage (V)
4
5
40
32
24
16
8
0
0
0.5
1
1.5
2
2.5
3
VGS=3V
20
16
12
8
4
0
0
0.7
1.4
2.1
2.8
3.5
4.2
Tj=125 C
Parameter
Symbol
Condition
Min Typ Max Unit
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted)
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage
VSD
VGS = 0V, Is =1.7A
N-Ch
0.8
1.2
-0.8
-1.2
VGS = 0V, Is =-1.7A
P-Ch
V
b
C
Notes
c.Guaranteed by design,not subject to production testing.
b.Pulse Test:Pulse Width 300 s,Duty Cycle 2%.
a.Surface Mounted on FR4 Board,t 10sec.
N-Channel
VGS=3.5V
S T A6611
VGS=4.5V
VGS=4V
VGS=10V
-55 C
25 C
ID, Drain C urrent (A)
48
40
32
24
16
8
1
F igure 3. On-R es is tance vs . Drain C urrent
and G ate V oltage
8
16
24
32
40
1
V GS =10V
V GS =4.5V
F igure 4. On-R es is tance Variation with
Drain C urrent and Temperature
1.75
1.60
1.45
1.30
1.15
1.00
0.85
-25
0
25
50
150
T j( C )
125
75
100
V G S =10V
ID=7A
T j, J unction T emperature ( C )
V G S =4.5V
ID=5A
VGS=2.5V


Số phần tương tự - STA6611

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SamHop Microelectronics...
STA6610 SAMHOP-STA6610 Datasheet
118Kb / 6P
   Dual N-Channel E nhancement Mode F ield E ffect Transistor
More results

Mô tả tương tự - STA6611

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Chino-Excel Technology
CEM7350 CET-CEM7350_08 Datasheet
547Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEU4269 CET-CEU4269_10 Datasheet
590Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEM2030A CET-CEM2030A Datasheet
847Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
logo
SamHop Microelectronics...
STU313D SAMHOP-STU313D Datasheet
247Kb / 11P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
logo
CET-MOS Technology Corp...
CEM23189 CET-MOS-CEM23189 Datasheet
866Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2014.July
CEM6589 CET-MOS-CEM6589 Datasheet
894Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2017.July
logo
Chino-Excel Technology
CEM8958 CET-CEM8958 Datasheet
835Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
CEM9939 CET-CEM9939 Datasheet
754Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
CEM11C2 CET-CEM11C2 Datasheet
59Kb / 9P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEM7350 CET-CEM7350 Datasheet
183Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com