công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FAN9612M bảng dữ liệu(PDF) 5 Page - Fairchild Semiconductor

tên linh kiện FAN9612M
Giải thích chi tiết về linh kiện  Interleaved Dual BCM PFC Controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN9612M bảng dữ liệu(HTML) 5 Page - Fairchild Semiconductor

  FAN9612M Datasheet HTML 1Page - Fairchild Semiconductor FAN9612M Datasheet HTML 2Page - Fairchild Semiconductor FAN9612M Datasheet HTML 3Page - Fairchild Semiconductor FAN9612M Datasheet HTML 4Page - Fairchild Semiconductor FAN9612M Datasheet HTML 5Page - Fairchild Semiconductor FAN9612M Datasheet HTML 6Page - Fairchild Semiconductor FAN9612M Datasheet HTML 7Page - Fairchild Semiconductor FAN9612M Datasheet HTML 8Page - Fairchild Semiconductor FAN9612M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN9612 • Rev. 0.9.1E
5
PRELIMINARY
Pin Definitions
Pin#
Name
Pin Description
1
ZCD1
Zero current detector for Phase 1
of the interleaved boost power stage.
2
ZCD2
Zero current detector for Phase 2
of the interleaved boost power stage.
3
5VB
5V Bias
. Bypass pin for the internal supply which powers all control circuitry on the IC.
4
MOT
Maximum On-Time adjust
for the individual power stages.
5
AGND
Analog Ground
. Reference potential for all setup signals.
6
SS
Soft-Start Capacitor
. Connected to the non-inverting input of the error amplifier.
7
COMP
Compensation-Network
connection to the output of the gM error amplifier
8
FB
Feedback pin
to sense the converter’s output voltage; inverting input of the error amplifier.
9
OVP
Output Voltage Monitor
for the independent second level latched OVP protection.
10
VIN
Input Voltage Monitor
for brown-out protection and input voltage feed forward.
11
PGND
Power Ground
connection.
12
DRV2
Gate Drive Output for Phase 2
of the interleaved boost power stage.
13
DRV1
Gate Drive Output for Phase 1
of the interleaved boost power stage.
14
VDD
External Bias Supply
for the IC.
15
CS2
Current Sense Input for Phase 2
of the interleaved boost power stage.
16
CS1
Current Sense Input for Phase 1
of the interleaved boost power stage.


Số phần tương tự - FAN9612M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FAN9612MX FAIRCHILD-FAN9612MX Datasheet
1Mb / 35P
   Interleaved Dual BCM PFC Controllers
FAN9612MX FAIRCHILD-FAN9612MX Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controllers
FAN9612MX FAIRCHILD-FAN9612MX Datasheet
1Mb / 36P
   Interleaved Dual BCM PFC Controllers
More results

Mô tả tương tự - FAN9612M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FAN9611_1112 FAIRCHILD-FAN9611_1112 Datasheet
1Mb / 36P
   Interleaved Dual BCM PFC Controllers
FAN9611 FAIRCHILD-FAN9611 Datasheet
1Mb / 35P
   Interleaved Dual BCM PFC Controllers
FAN9611 FAIRCHILD-FAN9611_11 Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controllers
AN-9717 FAIRCHILD-AN-9717 Datasheet
5Mb / 30P
   Dual BCM PFC Controller
logo
NXP Semiconductors
TEA2376DT NXP-TEA2376DT Datasheet
483Kb / 46P
   Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
TEA2376AT NXP-TEA2376AT Datasheet
459Kb / 43P
   Digital configurable interleaved PFC controller
Rev. 1 - 8 November 2023
TEA2376BT NXP-TEA2376BT Datasheet
466Kb / 43P
   Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
logo
ON Semiconductor
FAN9673 ONSEMI-FAN9673 Datasheet
1Mb / 26P
   Three-Channel Interleaved CCM PFC Controller
June, 2019 ??Rev. 7
logo
Texas Instruments
UCC28070 TI-UCC28070 Datasheet
403Kb / 27P
[Old version datasheet]   Two-Phase Interleaved CCM PFC Controller
logo
ON Semiconductor
FAN9672 ONSEMI-FAN9672 Datasheet
1Mb / 26P
   Two-Channel Interleaved CCM PFC Controller
June, 2019 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com