công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCL2AJTTD1R0 bảng dữ liệu(PDF) 5 Page - KOA Speer Electronics, Inc.

tên linh kiện MCL2AJTTD1R0
Giải thích chi tiết về linh kiện  Multi Layer Ferrite Inductors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KOA [KOA Speer Electronics, Inc.]
Trang chủ  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

MCL2AJTTD1R0 bảng dữ liệu(HTML) 5 Page - KOA Speer Electronics, Inc.

  MCL2AJTTD1R0 Datasheet HTML 1Page - KOA Speer Electronics, Inc. MCL2AJTTD1R0 Datasheet HTML 2Page - KOA Speer Electronics, Inc. MCL2AJTTD1R0 Datasheet HTML 3Page - KOA Speer Electronics, Inc. MCL2AJTTD1R0 Datasheet HTML 4Page - KOA Speer Electronics, Inc. MCL2AJTTD1R0 Datasheet HTML 5Page - KOA Speer Electronics, Inc. MCL2AJTTD1R0 Datasheet HTML 6Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SS-223 R9
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Spec i fi c ati on s g iven her ei n m ay be cha nged a t any ti m e w i tho ut pr i or not i ce. Pl eas e c onf ir m te chni c al s pec if i ca ti ons befor e you or der an d/or u se.
PAGE 5 OF 6
Item
Requirement
Conditions
Mechanical Shock
Appearance: There shall be no physical or
Force: 50G
mechanical damage
Time: 11 msec
Inductance: Relative to initial value before test
There shall be 3 shocks in each of 6 directions
±10%
(18 shocks total).
Vibration
Inductance: Relative to initial value ±10%
Only endurance conditioning by sweeping shall
be made. The entire frequency range from
10-2,000 Hz and return to 10 Hz in 20 minutes
(this shall constitute one cycle).
Amplitude: 1.5mm
The test shall have a 15G peak and shall be
applied for a period of 4 hours (12 cycles)
in each of 3 mutually perpendicular directions
(a total of 36 cycles within a total of 12 hours).
Thermal Shock
Appearance: There shall be no physical or
Step
Temperature
Time
mechanical damage.
1-start
-40°C ±2°C
Inductance: Relative to initial value ±20%.
2-hold
-40°C ±2°C
30 min ±5 min
DCR: The DCR shall not exceed initial specified
3-transfer
0.5 min max.
value.
4-hold
+105°C ±2°C 30 min ±5 min
5-transfer
0.5 min max.
Testing of the parts will be made at 0 hours, 250
hours and 500 hours. Before testing the parts
Steps 1 thru 5 constitute one complete
shall be allowed to cool to room temperature for
cycle and the test shall consist of a total
24 hours.
of 500 cycles.
Load Humidity
Appearance: There shall be no physical or
Temperature: 85°C ±2°C
mechanical damage
Relative Humidity: 85%
Inductance: Relative to initial value ±15%
Time: 1,000 hours total
Apply: 100% rated current
Measurements shall be taken at 0 hours, 250
hours, 500 hours and 1,000 hours and shall meet
the conditions stated above.
Life Test
Appearance: There shall be no physical or
Temperature: 85°C ±2°C
mechanical damage
Time: 1,000 hours total
Inductance: Relative to initial value ±15%
Apply: 100% rated current
Measurements shall be taken at 0 hours, 250
hours, 500 hours and 1,000 hours and shall meet
the conditions stated above.
5. Characteristics (continued)
6. Packaging Specifications
KOA’s multi layer components are provided on tape-and-reel
for use in pick-and-place machines. The reel size is 7 inch.
SS-223 R9
12/6/06
11:26 AM
Page 5


Số phần tương tự - MCL2AJTTD1R0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
KOA Speer Electronics, ...
MCL2AJTTD1R0 KOA-MCL2AJTTD1R0 Datasheet
139Kb / 3P
   multilayer ferrite inductor
More results

Mô tả tương tự - MCL2AJTTD1R0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Central Technologies
CTML0603F CT-CTML0603F Datasheet
129Kb / 1P
   Multi-layer Chip Inductors - Ferrite
logo
Bourns Electronic Solut...
CS321613 BOURNS-CS321613 Datasheet
286Kb / 2P
   Ferrite Multi-Layer Chip Inductors
CS160808 BOURNS-CS160808 Datasheet
273Kb / 2P
   Ferrite Multi-Layer Chip Inductors
logo
Central Technologies
CTML0402F CT-CTML0402F Datasheet
278Kb / 1P
   Multi-layer Chip Inductors - Ferrite
CTML0805F CT-CTML0805F Datasheet
129Kb / 1P
   Multi-layer Chip Inductors - Ferrite
logo
Bourns Electronic Solut...
CS201212 BOURNS-CS201212 Datasheet
307Kb / 2P
   Ferrite Multi-Layer Chip Inductors
logo
Central Technologies
CTML1206HCF CT-CTML1206HCF Datasheet
81Kb / 1P
   Multi-layer Chip Inductors - Ferrite
logo
Bourns Electronic Solut...
CS160808 BOURNS-CS160808_11 Datasheet
216Kb / 2P
   Ferrite Multi-Layer Chip Inductors
CV201210 BOURNS-CV201210_11 Datasheet
190Kb / 2P
   Ferrite Multi-Layer Chip Inductors
logo
Central Technologies
CTML0603 CT-CTML0603 Datasheet
202Kb / 1P
   Multi-layer Chip Inductors - Ferrite
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com