công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCL2AHTTDR56 bảng dữ liệu(PDF) 4 Page - KOA Speer Electronics, Inc. |
|
MCL2AHTTDR56 bảng dữ liệu(HTML) 4 Page - KOA Speer Electronics, Inc. |
4 / 6 page Bolivar Drive ■ P.O. Box 547 ■ Bradford, PA 16701 ■ USA ■ 814-362-5536 ■ Fax 814-362-8883 ■ www.koaspeer.com Spec i fi c ati on s g iven her ei n m ay be cha nged a t any ti m e w i tho ut pr i or not i ce. Pl eas e c onf ir m te chni c al s pec if i ca ti ons befor e you or der an d/or u se. PAGE 4 OF 6 SS-223 R9 Item Requirement Conditions Operating Temperature -25°C ~ +85°C Storage Temperature 40°C @ 70% Humidity Sealed plastic bags with desiccant shall be used to reduce the potential of oxidation on the terminations during storage. Resistance to Solder Change in Inductance: Relative to value before Flux: 5-10 sec dip Heat test ±20%. After Flux: Air dry for 15 sec Appearance: There shall be no cracking Preheat: 150°C ±10°C Solder Coverage: More than 75% of the terminal Preheat Time: 60 sec electrode shall be covered with solder. Solder Temp: 260°C ±5°C Dip Time: 10 ±1 sec Solderability Solder Coverage: More than 95% of the Flux: 5-10 sec dip termination shall be covered with solder. After Flux: Air dry for 15 sec Solder Temp: 245°C ±5°C Dip Time: 5 ±0.5 sec Leach Resistance Appearance: There shall be no visible signs of The bead shall be subjected to the following physical or mechanical damage (i.e. no cracks) 5 steps for the period of time shown below. Terminations: Termination must not be leached The 5 steps constitute one (1) rotation. away for more than 5%. 4 rotations shall be carried out. 1) Flux: 5-10 sec 2) After Flux: Air dry for 15 sec 3) Solder Temp: 230°C ±5°C 4) Dip Time: 5 ±0.5 sec 5) Cool: Air cool for 60 seconds Insulation Resistance Insulation Resistance: Min 1G ohms Solvent Resistance Change in Inductance: Relative to value before Cleaning by: test ±10%. Washer: Ultrasonic washer (100W) Solvent: Isopropyl alcohol Time: 3 minutes Terminal Strength Appearance: The terminal electrode shall not Type W(kgf) Time (hanging test) break off, nor shall there be damage to the body. 1J (0603) 0.5 30 sec ±2 sec 2A (0805) 1.0 30 sec ±2 sec 2B (1206) 1.5 30 sec ±2 sec Terminal Strength Appearance: There shall be no evidence of Type W(kgf) Time (push test) mechanical degradations to terminals or body. 1J (0603) 1.4 60 sec 2A (0805) 1.8 60 sec 2B (1206) 2.3 60 sec Bending Strength Appearance: There shall be no physical or Board: 90x40x1.6mm mechanical damage Bend: 1mm Inductance: Relative to initial value before Time: 5 sec test ±10% 5. Characteristics SS-223 R9 12/6/06 11:26 AM Page 4 |
Số phần tương tự - MCL2AHTTDR56 |
|
Mô tả tương tự - MCL2AHTTDR56 |