công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KBL602G bảng dữ liệu(PDF) 1 Page - HY ELECTRONIC CORP.

tên linh kiện KBL602G
Giải thích chi tiết về linh kiện  GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HY [HY ELECTRONIC CORP.]
Trang chủ  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

KBL602G bảng dữ liệu(HTML) 1 Page - HY ELECTRONIC CORP.

  KBL602G Datasheet HTML 1Page - HY ELECTRONIC CORP. KBL602G Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Surge overload rating -150 Amperes peak
ldeal for printed circuit board
Plastic material has UL flammability classification 94V-0
Mounting position :Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
KBL
KBL
KBL
KBL
KBL
KBL
KBL
6005G
601G
602G
604G
606G
608G
610G
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Output
Current at 50℃ TA
(Note1)
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load
Maximum Forward Voltage Drop Per Element
at 3.0A Peak
Maximum DC Reverse Current
at Rated DC Blocking Voltage
Maximum Reverse Current at
Rated DC Blocking Voltage and 150℃TA
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
IFSM
I(AV)
Dimensions in inches and (milimeters)
SYMBOL
KBL6005G thru KBL610G
GLASS PASSIVATED
BRIDGE RECTIFIERS
REVERSE VOLTAGE - 50 to 1000Volts
FORWARD CURRENT - 6.0Amperes
~ 440 ~
1.0
-55 to +150
UNIT
CHARACTERISTICS
6.0
VF
IR
IR
150
-55 to +150
A
A
1.1
10.0
μA
V
mA
NOTES:1. Mounting conditions ,0.5″ lead length maximum.
KBL
.728(18.5)
.768(19.5)
.640(16.3)
.600(15.2)
.547(13.9)
.587(14.9)
.048(1.2)TYP.
.052(1.3)DIA.
MIN.
.750
(19.0)
.180(4.6)
.220(5.6)
.256(6.5)
.236(6.0)
.087(2.2)
.071(1.8)
.157(4.0)*45°


Số phần tương tự - KBL602G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
KBL602G TSC-KBL602G Datasheet
146Kb / 2P
   Single Phase 6.0AMPS. Glass Passivated Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
KBL602G SECOS-KBL602G Datasheet
667Kb / 2P
   Voltage 50V ~ 1000V, 6.0 Amp Glass Passivated Bridge Rectifiers
logo
GeneSiC Semiconductor, ...
KBL602G GENESIC-KBL602G Datasheet
311Kb / 3P
   Silicon Bridge Rectifier
logo
Taiwan Semiconductor Co...
KBL602G TSC-KBL602G Datasheet
199Kb / 4P
   Glass Passivated Bridge Rectifiers
KBL602G TSC-KBL602G Datasheet
199Kb / 4P
   Glass Passivated Bridge Rectifiers
More results

Mô tả tương tự - KBL602G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com