công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TSOP1736RF1 bảng dữ liệu(PDF) 3 Page - Vishay Siliconix |
|
TSOP1736RF1 bảng dữ liệu(HTML) 3 Page - Vishay Siliconix |
3 / 8 page TSOP17..RF1 Vishay Telefunken 3 (8) Rev. 9, 02-Apr-01 www.vishay.com Document Number 82036 Suitable Data Format The circuit of the TSOP17..RF1 is designed in that way that unexpected output pulses due to noise or disturbance signals are avoided. A bandpassfilter, an integrator stage and an automatic gain control are used to suppress such disturbances. The distinguishing mark between data signal and disturbance signal are carrier frequency, burst length and duty cycle. The data signal should fullfill the following condition: • Carrier frequency should be close to center frequency of the bandpass (e.g. 38kHz). • Burst length should be 10 cycles/burst or longer. • After each burst which is between 10 cycles and 70 cycles a gap time of at least 14 cycles is neccessary. • For each burst which is longer than 1.8ms a corresponding gap time is necessary at some time in the data stream. This gap time should have at least same length as the burst. • Up to 1400 short bursts per second can be received continuously. Some examples for suitable data format are: NEC Code, Toshiba Micom Format, Sharp Code, RC5 Code, RC6 Code, R–2000 Code, Sony Format (SIRCS). When a disturbance signal is applied to the TSOP17..RF1 it can still receive the data signal. However the sensitivity is reduced to that level that no unexpected pulses will occure. Some examples for such disturbance signals which are suppressed by the TSOP17..RF1 are: • DC light (e.g. from tungsten bulb or sunlight) • Continuous signal at 38kHz or at any other frequency • Signals from fluorescent lamps with electronic ballast (an example of the signal modulation is in the figure below). 0 5 10 15 20 time [ms] IR Signal from Fluorescent Lamp with low Modulation |
Số phần tương tự - TSOP1736RF1 |
|
Mô tả tương tự - TSOP1736RF1 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |